Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL700SF-K Datasheet (PDF) - Micronas

HAL700SF-K Datasheet PDF - Micronas
Part # HAL700SF-K
Download  HAL700SF-K Download

File Size   167.2 Kbytes
Page   12 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Dual Hall-Effect Sensor with Independent Outputs

HAL700SF-K Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL700SF-K Datasheet PDF - Micronas

Part # HAL700SF-K
Download  HAL700SF-K Click to download

File Size   167.2 Kbytes
Page   12 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Dual Hall-Effect Sensor with Independent Outputs

HAL700SF-K Datasheet (HTML) - Micronas

Back Button HAL700SF-K Datasheet HTML 1Page - Micronas HAL700SF-K Datasheet HTML 2Page - Micronas HAL700SF-K Datasheet HTML 3Page - Micronas HAL700SF-K Datasheet HTML 4Page - Micronas HAL700SF-K Datasheet HTML 5Page - Micronas HAL700SF-K Datasheet HTML 6Page - Micronas HAL700SF-K Datasheet HTML 7Page - Micronas HAL700SF-K Datasheet HTML 8Page - Micronas HAL700SF-K Datasheet HTML 9Page - Micronas HAL700SF-K Datasheet HTML 10Page - Micronas Next Button 

HAL700SF-K Product details

Introduction
The HAL700 and the HAL740 are monolithic CMOS Hall-effect sensors consisting of two independent switches controlling two independent open-drain outputs. The Hall plates of the two switches are spaced 2.35 mm apart.

Features
– two independent Hall-switches
– distance of Hall plates: 2.35 mm
– switching offset compensation at typically 150 kHz
– operation from 3.8 V to 24 V supply voltage
– operation with static and dynamic magnetic fields up to 10 kHz
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– robustness of magnetic characteristics against mechanical stress
– short-circuit protected open-drain outputs by thermal shut down
– constant switching points over a wide supply voltage range
– EMC corresponding to ISO 7637




Similar Part No. - HAL700SF-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL700SF-K MICRONAS-HAL700SF-K Datasheet
1Mb / 22P
   Dual Hall-Effect Sensors with Independent Outputs
More results


Similar Description - HAL700SF-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL700 MICRONAS-HAL700_1 Datasheet
1Mb / 22P
   Dual Hall-Effect Sensors with Independent Outputs
logo
Major-Power Technology ...
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7952 MPOWER-MA7952 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.2
MA7951 MPOWER-MA7951 Datasheet
118Kb / 2P
   Four Outputs Linear Hall Effect Sensor
Rev.0.1
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
MAX9621 MAXIM-MAX9621 Datasheet
2Mb / 14P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 0; 11/09
MAX9621 MAXIM-MAX9621_11 Datasheet
2Mb / 15P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
logo
Bel Fuse Inc.
9902090CW BEL-9902090CW Datasheet
491Kb / 3P
   Dual Output Hall Effect Sensor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com