Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C3V0T Datasheet (PDF) - Micro Commercial Components

BZT52C3V0T Datasheet PDF - Micro Commercial Components
Part # BZT52C3V0T
Download  BZT52C3V0T Download

File Size   225.65 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mW Zener Diode 2.4 to 39 Volts

BZT52C3V0T Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C3V0T Datasheet PDF - Micro Commercial Components

Part # BZT52C3V0T
Download  BZT52C3V0T Click to download

File Size   225.65 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mW Zener Diode 2.4 to 39 Volts

BZT52C3V0T Datasheet (HTML) - Micro Commercial Components

BZT52C3V0T Datasheet HTML 1Page - Micro Commercial Components BZT52C3V0T Datasheet HTML 2Page - Micro Commercial Components BZT52C3V0T Datasheet HTML 3Page - Micro Commercial Components

BZT52C3V0T Product details

Features
 • Planar Die Construction
 • 200mW Power Dissipation
 • Epoxy meets UL 94 V-0 flammability rating
 • Moisture Sensitivity Level 1
 • Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
 • Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BZT52C3V0T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C3V0T DIODES-BZT52C3V0T Datasheet
94Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30502 Rev. 7 - 2
logo
Guangdong Kexin Industr...
BZT52C3V0T KEXIN-BZT52C3V0T Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
logo
Diodes Incorporated
BZT52C3V0T DIODES-BZT52C3V0T Datasheet
108Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30502 Rev. 10 - 2
BZT52C3V0T DIODES-BZT52C3V0T Datasheet
192Kb / 5P
   SURFACE MOUNT ZENER DIODE
BZT52C3V0T-7 DIODES-BZT52C3V0T-7 Datasheet
94Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30502 Rev. 7 - 2
More results


Similar Description - BZT52C3V0T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
   350 mW Zener Diode 2.4 to 39 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com