Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB49060P11Z Datasheet (PDF) - TT Electronics.

OPB49060P11Z Datasheet PDF - TT Electronics.
Part # OPB49060P11Z
Download  OPB49060P11Z Download

File Size   1108.6 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical

OPB49060P11Z Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB49060P11Z Datasheet PDF - TT Electronics.

Part # OPB49060P11Z
Download  OPB49060P11Z Click to download

File Size   1108.6 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical

OPB49060P11Z Datasheet (HTML) - TT Electronics.

OPB49060P11Z Datasheet HTML 1Page - TT Electronics. OPB49060P11Z Datasheet HTML 2Page - TT Electronics. OPB49060P11Z Datasheet HTML 3Page - TT Electronics. OPB49060P11Z Datasheet HTML 4Page - TT Electronics. OPB49060P11Z Datasheet HTML 5Page - TT Electronics. OPB49060P11Z Datasheet HTML 6Page - TT Electronics. OPB49060P11Z Datasheet HTML 7Page - TT Electronics. OPB49060P11Z Datasheet HTML 8Page - TT Electronics.

OPB49060P11Z Product details

Description:
The OPB460, OPB470, OPB480 and OPB490 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.180 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and choice of mounting configurations. OPB460 through OPB473 have 0.425” (10.795 mm) PCBoard leads with 0.320” (8.1 mm) spacing. OPB480 through OPB493 have 24” (609 mm) 26 AWG wires (UL approved wires).
All devices in this series exhibit performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as buffered or inverted with 10 kW Pull-up or Open Collector output. Devices are also TTI/LSTTL compatible and can drive up to 10 TTL loads.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more information.

Features:
● Choice of pins or wires mounting configuration
● Choice of aperture
● Choice of output configuration
● Choice of opaque or IR transmissive shell material
● Data rates to 250 kBaud
● Low power consumption

Applications:
● Mechanical switch replacement
● Speed indication (tachometer)
● Mechanical limit indication
● Edge sensing




Similar Part No. - OPB49060P11Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB490 OPTEK-OPB490 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB490 OPTEK-OPB490 Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
OPB490L11 OPTEK-OPB490L11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB490N11 OPTEK-OPB490N11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
OPB490P11 OPTEK-OPB490P11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
More results


Similar Description - OPB49060P11Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com