Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8341-EVAL Datasheet (PDF) - Analog Devices

AD8341-EVAL Datasheet PDF - Analog Devices
Part # AD8341-EVAL
Download  AD8341-EVAL Download

File Size   556.94 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 GHz to 2.4 GHz RF Vector Modulator

AD8341-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8341-EVAL Datasheet PDF - Analog Devices

Part # AD8341-EVAL
Download  AD8341-EVAL Click to download

File Size   556.94 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 GHz to 2.4 GHz RF Vector Modulator

AD8341-EVAL Datasheet (HTML) - Analog Devices

Back Button AD8341-EVAL Datasheet HTML 1Page - Analog Devices AD8341-EVAL Datasheet HTML 2Page - Analog Devices AD8341-EVAL Datasheet HTML 3Page - Analog Devices AD8341-EVAL Datasheet HTML 4Page - Analog Devices AD8341-EVAL Datasheet HTML 5Page - Analog Devices AD8341-EVAL Datasheet HTML 6Page - Analog Devices AD8341-EVAL Datasheet HTML 7Page - Analog Devices AD8341-EVAL Datasheet HTML 8Page - Analog Devices AD8341-EVAL Datasheet HTML 9Page - Analog Devices AD8341-EVAL Datasheet HTML 10Page - Analog Devices Next Button 

AD8341-EVAL Product details

GENERAL DESCRIPTION
The AD8341 vector modulator performs arbitrary amplitude and phase modulation of an RF signal.

Since the RF signal path is linear, the original modulation is preserved. This part can be used as a general-purpose RF modulator, a variable attenua tor/phase shifter, or a remodulator.

The amplitude can be controlled from a maximum of −4.5 dB to less than −34.5 dB, and the phase can be shifted continuously over the entire 360° range.

For maximum gain, the AD8341 delivers an OP1dB of 8.5 dBm, an OIP3 of 17.5 dBm, and an output noise floor of −150.5 dBm/Hz, independent of phase. It operates over a frequency range of 1.5 GHz to 2.4 GHz.

FEATURES
* Cartesian amplitude and phase modulation
* 1.5 GHz to 2.4 GHz frequency range
* Continuous magnitude control of −4.5 dB to −34.5 dB
* Continuous phase control of 0° to 360°
* Output third-order intercept 17.5 dBm
* Output 1 dB compression point 8.5 dBm
* Output noise floor −150.5 dBm/Hz @ full gain
* Adjustable modulation bandwidth up to 230 MHz
* Fast output power disable
* 4.75 V to 5.25 V single-supply voltage

APPLICATIONS
* RF PA linearization/RF predistortion
* Amplitude and phase modulation
* Variable attenuators and phase shifters
* CDMA2000, WCDMA, GSM/EDGE linear power amplifiers
* Smart antennas




Similar Part No. - AD8341-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8341 AD-AD8341 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
More results


Similar Description - AD8341-EVAL

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com