Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KP48A Datasheet (PDF) - Microsemi Corporation

30KP48A Datasheet PDF - Microsemi Corporation
Part # 30KP48A
Download  30KP48A Download

File Size   188.59 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 30kW Transient Voltage Suppressor

30KP48A Datasheet (PDF)

Go To PDF Page Download Datasheet
30KP48A Datasheet PDF - Microsemi Corporation

Part # 30KP48A
Download  30KP48A Click to download

File Size   188.59 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 30kW Transient Voltage Suppressor

30KP48A Datasheet (HTML) - Microsemi Corporation

30KP48A Datasheet HTML 1Page - Microsemi Corporation 30KP48A Datasheet HTML 2Page - Microsemi Corporation 30KP48A Datasheet HTML 3Page - Microsemi Corporation

30KP48A Product details

DESCRIPTION
These Microsemi 30 kW Transient Voltage Suppressors (TVSs) are designed for applications requiring protection of voltage-sensitive electronic devices that may be damaged by harsh or severe voltage transients including lightning per IEC61000-4-5 and class levels with various source impedances described herein.

FEATURES
• Available in both Unidirectional and Bidirectional
   construction (Bidirectional with C or CA suffix)
• Selections for 33 to 400 volt standoff voltages VWM
• Suppresses transients up to 30 kW @ 10/1000 µs
   and 200 kW @ 8/20 µs (see Figure 1)
• Fast response
• Options for screening in accordance with MIL-PRF-
   19500 for JAN, JANTX, JANTXV, and JANS are
   available by adding MQ, MX, MV, or MSP prefixes
   respectively to part numbers.
• Moisture classification is Level 1 with no dry pack
   required per IPC/JEDEC J-STD-020B
  
APPLICATIONS / BENEFITS
• Protection from switching transients and induced RF
• Protection from ESD, and EFT per IEC 61000-4-2 and
   IEC 61000-4-4
• Secondary lightning protection per IEC61000-4-5 with
   42 Ohms source impedance:
   Class 1,2,3,4: 30KP33A - 30KP400A or CA
   Class 5: 30KP33A - 30KP400A or CA (short distance)
   Class 5: 30KP33A - 30KP220A or CA (long distance)
• Secondary lightning protection per IEC61000-4-5 with
   12 Ohms source impedance:
   Class 1,2, 3: 30KP33A to 30KP400A or CA
   Class 4: 30KP33A to 30KP220A or CA
• Secondary lightning protection per IEC61000-4-5 with
   2 Ohms source impedance:
   Class 2: 30KP33A to 30KP400A or CA
   Class 3: 30KP33 to 30KP220A or CA
   Class 4: 30KP33 to 30KP110A or CA




Similar Part No. - 30KP48A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30KP48A NJSEMI-30KP48A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
30KP48A MDE-30KP48A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP48A LEIDITECH-30KP48A Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP48A NJSEMI-30KP48A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP48A NJSEMI-30KP48A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 30KP48A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
30KPA28A TAITRON-30KPA28A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22_16 Datasheet
210Kb / 5P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
Microsemi Corporation
PLAD30KP10 MICROSEMI-PLAD30KP10 Datasheet
275Kb / 5P
   30kW Surface Mount Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com