Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9480 Datasheet (PDF) - Analog Devices

AD9480 Datasheet PDF - Analog Devices
Part # AD9480
Download  AD9480 Download

File Size   1146.84 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 250 MSPS 3.3 V A/D Converter

AD9480 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9480 Datasheet PDF - Analog Devices

Part # AD9480
Download  AD9480 Click to download

File Size   1146.84 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 250 MSPS 3.3 V A/D Converter

AD9480 Datasheet (HTML) - Analog Devices

Back Button AD9480 Datasheet HTML 1Page - Analog Devices AD9480 Datasheet HTML 2Page - Analog Devices AD9480 Datasheet HTML 3Page - Analog Devices AD9480 Datasheet HTML 4Page - Analog Devices AD9480 Datasheet HTML 5Page - Analog Devices AD9480 Datasheet HTML 6Page - Analog Devices AD9480 Datasheet HTML 7Page - Analog Devices AD9480 Datasheet HTML 8Page - Analog Devices AD9480 Datasheet HTML 9Page - Analog Devices AD9480 Datasheet HTML 10Page - Analog Devices Next Button 

AD9480 Product details

GENERAL DESCRIPTION
The AD9480 is an 8-bit, monolithic analog-to-digital converter (ADC) optimized for high speed and low power consumption. Small in size and easy to use, the product operates at a 250 MSPS conversion rate, with excellent linearity and dynamic performance over its full operating range.

FEATURES
    DNL = ± 0.25 LSB
    INL = ± 0.26 LSB
    Single 3.3 V supply operation (3.0 V to 3.6 V)
    Power dissipation of 590 mW at 250 MSPS
    1 V p-p analog input range
    Internal 1.0 V reference
    Single-ended or differential analog inputs
    LVDS outputs (ANSI 644 levels)
    Power-down mode
    Clock duty-cycle stabilizer

APPLICATIONS
    Digital oscilloscopes
    Instrumentation and measurement
    Communications
        Point-to-point radios
        Predistortion loops




Similar Part No. - AD9480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480-LVDS/PCB3 AD-AD9480-LVDS/PCB3 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480-LVDSPCB2 AD-AD9480-LVDSPCB2 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9480ASUZ-2501 AD-AD9480ASUZ-2501 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480BSUZ-2501 AD-AD9480BSUZ-2501 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
More results


Similar Description - AD9480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com