Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT28F400B3BA110 Datasheet (PDF) - Intel Corporation

GT28F400B3BA110 Datasheet PDF - Intel Corporation
Part # GT28F400B3BA110
Download  GT28F400B3BA110 Download

File Size   304.24 Kbytes
Page   48 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY

GT28F400B3BA110 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT28F400B3BA110 Datasheet PDF - Intel Corporation

Part # GT28F400B3BA110
Download  GT28F400B3BA110 Click to download

File Size   304.24 Kbytes
Page   48 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY

GT28F400B3BA110 Datasheet (HTML) - Intel Corporation

Back Button GT28F400B3BA110 Datasheet HTML 1Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 2Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 3Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 4Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 5Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 6Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 7Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 8Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 9Page - Intel Corporation GT28F400B3BA110 Datasheet HTML 10Page - Intel Corporation Next Button 

GT28F400B3BA110 Product details

INTRODUCTION
This datasheet contains the specifications for the Advanced Boot Block flash memory family, which is optimized for low power, portable systems. This family of products features 1.65 V–2.5 V or 2.7 V– 3.6 V I/Os and a low VCC/VPP operating range of 2.7 V–3.6 V for read, program, and erase operations.
   
■ Flexible SmartVoltage Technology
    - 2.7 V–3.6 V Read/Program/Erase
    - 12 V VPP Fast Production
        Programming
■ 2.7 V or 1.65 V I/O Option
    - Reduces Overall System Power
■ High Performance
    - 2.7 V–3.6 V: 90 ns Max Access Time
    - 3.0 V–3.6 V: 80 ns Max Access Time
■ Optimized Block Sizes
    - Eight 8-KB Blocks for Data,
        Top or Bottom Locations
    - Up to Sixty-Three 64-KB Blocks for
        Code
■ Block Locking
    - VCC-Level Control through WP#
■ Low Power Consumption
    - 10 mA Typical Read Current
■ Absolute Hardware-Protection
    - VPP = GND Option
    - VCC Lockout Voltage
■ Extended Temperature Operation
    - –40 °C to +85 °C
■ Flash Data Integrator Software
    - Flash Memory Manager
    - System Interrupt Manager
    - Supports Parameter Storage,
        Streaming Data (e.g., Voice)
■ Automated Program and Block Erase
    - Status Registers
■ Extended Cycling Capability
    - Minimum 100,000 Block Erase
        Cycles Guaranteed
■ Automatic Power Savings Feature
    - Typical ICCS after Bus Inactivity
■ Standard Surface Mount Packaging
    - 48-Ball µBGA* Package
    - 48-Lead TSOP Package
    - 40-Lead TSOP Package
■ Footprint Upgradeable
    - Upgrade Path for 4-, 8-, 16-, and 32-
        Mbit Densities
■ ETOX™ VI (0.25 µ) Flash Technology
   




Similar Part No. - GT28F400B3BA110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F400B3B120 INTEL-GT28F400B3B120 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
GT28F400B3B150 INTEL-GT28F400B3B150 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
More results


Similar Description - GT28F400B3BA110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com