Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12LC671T-10/SM Datasheet (PDF) - Microchip Technology

PIC12LC671T-10/SM Datasheet PDF - Microchip Technology
Part # PIC12LC671T-10/SM
Download  PIC12LC671T-10/SM Download

File Size   1943.45 Kbytes
Page   129 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, 8-Bit CMOS Microcontroller with A/D Converter

PIC12LC671T-10/SM Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12LC671T-10/SM Datasheet PDF - Microchip Technology

Part # PIC12LC671T-10/SM
Download  PIC12LC671T-10/SM Click to download

File Size   1943.45 Kbytes
Page   129 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, 8-Bit CMOS Microcontroller with A/D Converter

PIC12LC671T-10/SM Datasheet (HTML) - Microchip Technology

Back Button PIC12LC671T-10/SM Datasheet HTML 1Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 2Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 3Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 4Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 5Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 6Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 7Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 8Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 9Page - Microchip Technology PIC12LC671T-10/SM Datasheet HTML 10Page - Microchip Technology Next Button 

PIC12LC671T-10/SM Product details

GENERAL DESCRIPTION
The PIC12C67X devices are low-cost, high-perfor mance, CMOS, fully-static, 8-bit microcontrollers with integrated analog-to-digital (A/D) converter and EEPROM data memory (EEPROM on PIC12CE67X versions only).

High-Performance RISC CPU:
• Only 35 single word instructions to learn
• All instructions are single cycle (400 ns) except for program branches which are two-cycle
• Operating speed: DC - 10 MHz clock input
                           DC - 400 ns instruction cycle
• 14-bit wide instructions
• 8-bit wide data path
• Interrupt capability
• Special function hardware registers
• 8-level deep hardware stack
• Direct, indirect and relative addressing modes for data and instructions

Peripheral Features:
• Four-channel, 8-bit A/D converter
• 8-bit real time clock/counter (TMR0) with 8-bit programmable prescaler
• 1,000,000 erase/write cycle EEPROM data memory
• EEPROM data retention > 40 years

Special Microcontroller Features:
• In-Circuit Serial Programming (ICSP™)
• Internal 4 MHz oscillator with programmable calibration
• Selectable clockout
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Interrupt-on-pin change (GP0, GP1, GP3)
• Internal pull-ups on I/O pins (GP0, GP1, GP3)
• Internal pull-up on MCLR pin
• Selectable oscillator options:
   - INTRC: Precision internal 4 MHz oscillator
   - EXTRC: External low-cost RC oscillator
   - XT: Standard crystal/resonator
   - HS: High speed crystal/resonator
   - LP: Power saving, low frequency crystal

CMOS Technology:
• Low-power, high-speed CMOS EPROM/EEPROM technology
• Fully static design
• Wide operating voltage range 2.5V to 5.5V
• Commercial, Industrial and Extended temperature ranges
• Low power consumption
   < 2 mA @ 5V, 4 MHz
   15 µA typical @ 3V, 32 kHz
   < 1 µA typical standby current




Similar Part No. - PIC12LC671T-10/SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LC671T MICROCHIP-PIC12LC671T Datasheet
1Mb / 130P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
More results


Similar Description - PIC12LC671T-10/SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12C67X MICROCHIP-PIC12C67X Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com