Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR9080 Datasheet (PDF) - Rohm

BR9080 Datasheet PDF - Rohm
Part # BR9080
Download  BR9080 Download

File Size   121.92 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 8k, 16k bit EEPROMs for direct connection to serial ports

BR9080 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR9080 Datasheet PDF - Rohm

Part # BR9080
Download  BR9080 Click to download

File Size   121.92 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 8k, 16k bit EEPROMs for direct connection to serial ports

BR9080 Datasheet (HTML) - Rohm

Back Button BR9080 Datasheet HTML 1Page - Rohm BR9080 Datasheet HTML 2Page - Rohm BR9080 Datasheet HTML 3Page - Rohm BR9080 Datasheet HTML 4Page - Rohm BR9080 Datasheet HTML 5Page - Rohm BR9080 Datasheet HTML 6Page - Rohm BR9080 Datasheet HTML 7Page - Rohm BR9080 Datasheet HTML 8Page - Rohm BR9080 Datasheet HTML 9Page - Rohm BR9080 Datasheet HTML 10Page - Rohm Next Button 

BR9080 Product details

The BR9080 and BR9016 series are serial EEPROMs that can be connected directly to a serial port and can be erased and written electrically. Writing and reading is performed in word units, using four types of operation commands. Communication occurs though CS, SK, DI, and DO pins, WC pin control is used to initiate a write disabled state, enabling these EEPROMs to be used as one-time ROMs. During writing, operation is checked via the internal status check.

Features
1) BR9080 / F / RFV (8k bit): 512 words ×16 bits
    BR9016 / F / RFV (16k bit): 1024 words × 16bits
2) Single power supply operation
3) Serial data input and output
4) Automatic erase-before-write
5) Low current consumption
    Active (5V) : 5mA (max.)
    Standby (5V) : 3µA (max.)
6) Noise filter built into SK pin
7) Write protection when VCC is low
8) Compact DIP8 / SOP8 / SSOP-B8 packages
9) High reliability CMOS process
10) 100,000 ERASE / WRITE cycles
11) 10 years Data Retention

Applications
    Movie, camera, cordless telephones, car stereos, VCRs, TVs, DIP switches, and other battery-powered equipment requiring low voltage and low current




Similar Part No. - BR9080

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080AF ROHM-BR9080AF Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080AF-W ROHM-BR9080AF-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080ARFV ROHM-BR9080ARFV Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080ARFV-W ROHM-BR9080ARFV-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080ARFVM ROHM-BR9080ARFVM Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results


Similar Description - BR9080

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080AF-W ROHM-BR9080AF-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com