Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7205G-8 Datasheet (PDF) - Data Delay Devices, Inc.

3D7205G-8 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D7205G-8
Download  3D7205G-8 Download

File Size   256.26 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC 5-TAP FIXED DELAY LINE

3D7205G-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D7205G-8 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D7205G-8
Download  3D7205G-8 Click to download

File Size   256.26 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC 5-TAP FIXED DELAY LINE

3D7205G-8 Datasheet (HTML) - Data Delay Devices, Inc.

3D7205G-8 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7205G-8 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7205G-8 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7205G-8 Datasheet HTML 4Page - Data Delay Devices, Inc.

3D7205G-8 Product details

FUNCTIONAL DESCRIPTION
The 3D7205 5-Tap Delay Line product family consists of fixed-delay CMOS integrated circuits. Each package contains a single delay line, tapped and buffered at 5 points spaced uniformly in time. Tap-to-tap (incremental) delay values can range from 8.0ns through 100ns. The input is reproduced at the outputs without inversion, shifted in time as per the user-specified dash number. The 3D7205 is TTL- and CMOScompatible, capable of driving ten 74LS-type loads, and features both rising- and falling-edge accuracy.

FEATURES
• All-silicon, low-power CMOS technology
• TTL/CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Low ground bounce noise
• Leading- and trailing-edge accuracy
• Delay range: 8 through 500ns
• Delay tolerance: 5% or 2ns
• Temperature stability: ±3% typical (0C-70C)
• Vdd stability: ±2% typical (4.75V-5.25V)
• Minimum input pulse width: 20% of total delay
• 14-pin DIP and 16-pin SOIC available as drop-in replacements for hybrid delay lines




Similar Part No. - 3D7205G-8

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7215 DATADELAY-3D7215 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7215M-1 DATADELAY-3D7215M-1 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7215M-1.5 DATADELAY-3D7215M-1.5 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7215M-10 DATADELAY-3D7215M-10 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7215M-12 DATADELAY-3D7215M-12 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
More results


Similar Description - 3D7205G-8

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D7215 DATADELAY-3D7215 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com