Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD032G0JFAN013 Datasheet (PDF) - SPANSION

S29CD032G0JFAN013 Datasheet PDF - SPANSION
Part # S29CD032G0JFAN013
Download  S29CD032G0JFAN013 Download

File Size   1608.47 Kbytes
Page   93 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY

S29CD032G0JFAN013 Datasheet (PDF)

Go To PDF Page Download Datasheet
S29CD032G0JFAN013 Datasheet PDF - SPANSION

Part # S29CD032G0JFAN013
Download  S29CD032G0JFAN013 Click to download

File Size   1608.47 Kbytes
Page   93 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY

S29CD032G0JFAN013 Datasheet (HTML) - SPANSION

Back Button S29CD032G0JFAN013 Datasheet HTML 1Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 2Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 3Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 4Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 5Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 6Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 7Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 8Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 9Page - SPANSION S29CD032G0JFAN013 Datasheet HTML 10Page - SPANSION Next Button 

S29CD032G0JFAN013 Product details

General Description
The S29CD-G Flash Family is a burst mode, Dual Boot, Simultaneous Read/Write family of Flash Memory with VersatileI/O™ manufactured on 170 nm Process Technology.

Distinctive Characteristics
Architecture Advantages
■ Simultaneous Read/Write operations
   — Read data from one bank while executing erase/
      program functions in other bank
   — Zero latency between read and write operations
   — Two bank architecture: large bank/small bank
      75%/25%
■ User-Defined x32 Data Bus
■ Dual Boot Block
   — Top and bottom boot sectors in the same device
■ Flexible sector architecture
   — CD032G: Eight 2K Double Word, Sixty-two 16K
      Double Word, and Eight 2K Double Word sectors
   — CD016G: Eight 2K Double Word, Thirty-two 16K
      Double Word, and Eight 2K Double Word sectors
■ Secured Silicon Sector (256 Bytes)
   — Factory locked and identifiable: 16 bytes for secure,
      random factory Electronic Serial Number; Also know
      as Electronic Marking
■ Manufactured on 170 nm Process Technology
■ Programmable Burst interface
   — Interfaces to any high performance processor
   — Linear Burst Read Operation: 2, 4, and 8 double
      word linear burst with or without wrap around
■ Program Operation
   — Performs synchronous and asynchronous write
      operations of burst configuration register settings
      independently
■ Single power supply operation
   — Optimized for 2.5 to 2.75 volt read, erase, and
   program operations
■ Compatibility with JEDEC standards (JC42.4)
   — Software compatible with single-power supply Flash
   — Backward-compatible with AMD/Fujitsu Am29LV/
      MBM29LV and Am29F/MBM29F flash memories

Performance Characteristics
■ High performance read access
   — Initial/random access times of 48 ns (32 Mb) and 54
      ns (16 Mb)
   — Burst access times of 7.5 ns (32 Mb) or 9 ns (16Mb)
■ Ultra low power consumption
   — Burst Mode Read: 90 mA @ 75 MHz max
   — Program/Erase: 50 mA max
   — Standby mode: CMOS: 60 µA max
■ 1 million write cycles per sector typical
■ 20 year data retention typical
■ VersatileI/O™ control
   — Generates data output voltages and tolerates data
      input voltages as determined by the voltage on the
      VIO pin
   — 1.65 V to 3.60 V compatible I/O signals

Software Features
■ Persistent Sector Protection
   — Locks combinations of individual sectors and sector
      groups to prevent program or erase operations
      within that sector (requires only VCC levels)
■ Password Sector Protection
   — Locks combinations of individual sectors and sector
      groups to prevent program or erase operations
      within that sector using a user-definable 64-bit
      password
■ Supports Common Flash Interface (CFI)
■ Unlock Bypass Program Command
   — Reduces overall programming time when issuing
      multiple program command sequences
■ Data# Polling and toggle bits
   — Provides a software method of detecting program or
      erase operation completion

Hardware Features
■ Program Suspend/Resume & Erase Suspend/
   Resume
   — Suspends program or erase operations to allow
      reading, programming, or erasing in same bank
■ Hardware Reset (RESET#), Ready/Busy# (RY/
   BY#), and Write Protect (WP#) inputs
■ ACC input
   — Accelerates programming time for higher throughput
      during system production
■ Package options
   — 80-pin PQFP
   — 80-ball Fortified BGA
   — Pb-free package option also available
   — Known Good Die




Similar Part No. - S29CD032G0JFAN013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD032G0JFAA000 SPANSION-S29CD032G0JFAA000 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0JFAA002 SPANSION-S29CD032G0JFAA002 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0JFAA010 SPANSION-S29CD032G0JFAA010 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0JFAA012 SPANSION-S29CD032G0JFAA012 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0JFAA100 SPANSION-S29CD032G0JFAA100 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
More results


Similar Description - S29CD032G0JFAN013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com