Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDX005A24R Datasheet (PDF) - List of Unclassifed Manufacturers

ASDX005A24R Datasheet PDF - List of Unclassifed Manufacturers
Part # ASDX005A24R
Download  ASDX005A24R Download

File Size   104.43 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT

ASDX005A24R Datasheet (PDF)

Go To PDF Page Download Datasheet
ASDX005A24R Datasheet PDF - List of Unclassifed Manufacturers

Part # ASDX005A24R
Download  ASDX005A24R Click to download

File Size   104.43 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT

ASDX005A24R Datasheet (HTML) - List of Unclassifed Manufacturers

ASDX005A24R Datasheet HTML 1Page - List of Unclassifed Manufacturers ASDX005A24R Datasheet HTML 2Page - List of Unclassifed Manufacturers ASDX005A24R Datasheet HTML 3Page - List of Unclassifed Manufacturers ASDX005A24R Datasheet HTML 4Page - List of Unclassifed Manufacturers

ASDX005A24R Product details

This ASDX series is an amplified version of SenSym ICT’s proven performer and industry leading SDX series sensor. This amplified ASDX device is in a package with the slightly larger footprint as the SDX but it offers a high level (4.0 V span) output on a very cost effective basis. This family is fully calibrated and temperature compensated using an on-board ASIC. These sensors are intended for use with non-corrosive, non-ionic working fluids; such as air and dry gases.
Devices are available to measure absolute, differential, and gage pressures from 1 psi (ASDX01DN) through 100 psi (ASDX100). The absolute devices have an internal vacuum reference and an output voltage proportional to absolute pressure. Differential devices allow application of pressure to either side of the sensing diaphragm and can be used for gage or differential measurements.

FEATURES
   Piezoresistive Sensor
   Precision ASIC
   Conditioning
   High Level Output
   Temperature
   Compensated

APPLICATIONS
   Medical Instrumentation
   Barometry
   HVAC Controls
   Pneumatic Controls




Similar Part No. - ASDX005A24R

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
ASDX005D44D SENSORTECHNICS-ASDX005D44D Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
ASDX005D44D-A SENSORTECHNICS-ASDX005D44D-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
ASDX005D44R SENSORTECHNICS-ASDX005D44R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
ASDX005D44R-A SENSORTECHNICS-ASDX005D44R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
ASDX005G24R SENSORTECHNICS-ASDX005G24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
More results


Similar Description - ASDX005A24R

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
   TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
   Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
   INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
logo
Motorola, Inc
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
   0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com