Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZTEL11 Datasheet (PDF) - List of Unclassifed Manufacturers

AZTEL11 Datasheet PDF - List of Unclassifed Manufacturers
Part # AZTEL11
Download  AZTEL11 Download

File Size   137.43 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ECL/PECL 1:2 Differential Fanout Buffer

AZTEL11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZTEL11 Datasheet PDF - List of Unclassifed Manufacturers

Part # AZTEL11
Download  AZTEL11 Click to download

File Size   137.43 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ECL/PECL 1:2 Differential Fanout Buffer

AZTEL11 Datasheet (HTML) - List of Unclassifed Manufacturers

AZTEL11 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZTEL11 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZTEL11 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZTEL11 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZTEL11 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZTEL11 Datasheet HTML 6Page - List of Unclassifed Manufacturers

AZTEL11 Product details

[Arizona-Microtek]

DESCRIPTION
The AZ10/100EL11 is a differential 1:2 fanout gate. The device is functionally similar to the E111 device but with higher performance capabilities. Having within-device skews and output transition times significantly improved over the E111, the EL11 is ideally suited for those applications that require the ultimate in AC performance.

FEATURES
• 265ps Propagation Delay
• 5ps Skew Between Outputs
• High Bandwidth Output Transitions
• 75kΩ Internal Input Pulldown Resistors
• Direct Replacement for ON Semiconductor MC10EL11 & MC100EL11




Similar Part No. - AZTEL11

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZTEL07 AZM-AZTEL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
More results


Similar Description - AZTEL11

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com