Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ696-1A-18D Datasheet (PDF) - List of Unclassifed Manufacturers

AZ696-1A-18D Datasheet PDF - List of Unclassifed Manufacturers
Part # AZ696-1A-18D
Download  AZ696-1A-18D Download

File Size   57.23 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 10 AMP SUBMINIATURE POWER RELAY

AZ696-1A-18D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ696-1A-18D Datasheet PDF - List of Unclassifed Manufacturers

Part # AZ696-1A-18D
Download  AZ696-1A-18D Click to download

File Size   57.23 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 10 AMP SUBMINIATURE POWER RELAY

AZ696-1A-18D Datasheet (HTML) - List of Unclassifed Manufacturers

AZ696-1A-18D Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ696-1A-18D Datasheet HTML 2Page - List of Unclassifed Manufacturers

AZ696-1A-18D Product details

FEATURES

• Miniature size: Form A version: 0.63" (16 mm) height, 1.10" (30 mm) length, 0.39" (10 mm) width

• High sensitivity, 100 mW pickup

• Dielectric strength 4000 Vrms

• Isolation spacing greater than 8 mm

• Approvals/Standards include: UL, VDE, IEC

• 10 Amp switching capability

• Epoxy sealed for automatic wave soldering and cleaning

• UL, CUR file E43203




Similar Part No. - AZ696-1A-18D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ696-1A-18D AZETTLER-AZ696-1A-18D Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Similar Description - AZ696-1A-18D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com