Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-050L Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-050L Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-050L
Download  HCPL-050L Download

File Size   87.86 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)

HCPL-050L Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-050L Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-050L
Download  HCPL-050L Click to download

File Size   87.86 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)

HCPL-050L Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HCPL-050L Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HCPL-050L Product details

Description

These diode-transistor optocouplers use an insulating layer between a LED and an integrated photodetector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base collector capacitance.



Features

• Low power consumption

• High speed: 1 Mb/s

• LVTTL/LVCMOS compatible

• Available in 8-pin DIP, SO-8

• Open collector output

• Guaranteed performance from temperature: 0˚C to +70˚C

• Safety approval, UL, CSA, IEC/EN/DIN EN 60747-5-2



Applications

• High voltage insulation

• Video signal isolation

• Power translator isolation in motor drives

• Line receivers

• Feedback element in switched mode power supplies

• High speed logic ground isolation – LVTTL/LVCMOS

• Replaces pulse transformers

• Replaces slow phototransistor isolators

• Analog signal ground isolation



 




Similar Part No. - HCPL-050L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   Low power consumption
HCPL-050L-000E AVAGO-HCPL-050L-000E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-050L-500E AVAGO-HCPL-050L-500E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Similar Description - HCPL-050L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
ON Semiconductor
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
   2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com