Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE61 Datasheet (PDF) - NTE Electronics

NTE61 Datasheet PDF - NTE Electronics
Part # NTE61
Download  NTE61 Download

File Size   24.09 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications

NTE61 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE61 Datasheet PDF - NTE Electronics

Part # NTE61
Download  NTE61 Click to download

File Size   24.09 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications

NTE61 Datasheet (HTML) - NTE Electronics

NTE61 Datasheet HTML 1Page - NTE Electronics NTE61 Datasheet HTML 2Page - NTE Electronics

NTE61 Product details

Description:
The NTE60 (NPN) and NTE61 (PNP) are complementary silicon power transistors in a TO3 type package designed for high power audio, disk head positioners, and other linear applications.

Features:
● High Safe Operating Area: 250W @ 50V
● For Low Distortion Complementary Designs
● High DC Current Gain: hFE = 25 Min @ IC = 5A




Similar Part No. - NTE61

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE610 NTE-NTE610 Datasheet
19Kb / 2P
   Voltage Variable Capacitance Diode (Tuning Diode)
NTE6102 NTE-NTE6102 Datasheet
21Kb / 2P
   Industrial Rectifier, 550A
NTE6109 NTE-NTE6109 Datasheet
21Kb / 2P
   Industrial Rectifier, 550A
NTE611 NTE-NTE611 Datasheet
19Kb / 2P
   Voltage Variable Capacitance Diode (Tuning Diode)
NTE6110 NTE-NTE6110 Datasheet
16Kb / 2P
   Industrial Rectifier, 500 Amp
More results


Similar Description - NTE61

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE388 NTE-NTE388 Datasheet
23Kb / 2P
   Silicon Complementary Transistors General Purpose High Power Audio, Disk Head Positioner for Linear Applications
NTE58 NTE-NTE58 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Power Audio Output
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE192 NTE-NTE192 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Output
NTE289A NTE-NTE289A Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
logo
PHOENIX CONTACT
SF-Z0002 PHOENIX-SF-Z0002 Datasheet
43Kb / 2P
   Crimp head positioner
logo
NTE Electronics
NTE54 NTE-NTE54 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Frequency Driver for Audio Amplifier
logo
PHOENIX CONTACT
SF-Z0042 PHOENIX-SF-Z0042 Datasheet
39Kb / 2P
   Crimp head positioner
logo
NTE Electronics
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com