Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE64 Datasheet (PDF) - NTE Electronics

NTE64 Datasheet PDF - NTE Electronics
Part # NTE64
Download  NTE64 Download

File Size   21.6 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor UHF High Speed Switch

NTE64 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE64 Datasheet PDF - NTE Electronics

Part # NTE64
Download  NTE64 Click to download

File Size   21.6 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor UHF High Speed Switch

NTE64 Datasheet (HTML) - NTE Electronics

NTE64 Datasheet HTML 1Page - NTE Electronics NTE64 Datasheet HTML 2Page - NTE Electronics

NTE64 Product details

Description:

The NTE64 is a silicon NPN high frequency transistor designed primarily for use in high–gain, low noise small–signal amplifiers and applications requiring fast switching times.



Features:

High Current Gain–Bandwidth Product: fT = 4.5GHz Typ @ IC = 15mA

Low Noise Figure: NF = 2dB Typ @ f = 1GHz

High Power Gain: Gpe = 10dB Min @ f = 1GHz

Third Order Intercept: +23dBm Typ



Absolute Maximum Ratings:

Collector–Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V

Collector–Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V

Emitter–Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V

Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . .30mA

Total Device Dissipation (TC = +25°C), PD . . . . . . . . . . . . . . . . 0.375W

Derate Above 25°C  . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3mW/°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . -65° to +150°C

Thermal Resistance, Junction–to–Ambient, RthJA . . . . . . . . . 300°C/W




Similar Part No. - NTE64

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6400A NTE-NTE6400A Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6401 NTE-NTE6401 Datasheet
20Kb / 2P
   Unijunction Transistor
NTE6402 NTE-NTE6402 Datasheet
21Kb / 2P
   Programmable Unijunction Transistor (PUT)
NTE6403 NTE-NTE6403 Datasheet
22Kb / 2P
   Integrated Circuit Silicon Bilateral Switch (SBS)
More results


Similar Description - NTE64

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2337 NTE-NTE2337 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Speed Switch
NTE2313 NTE-NTE2313 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Speed Switch
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2348 NTE-NTE2348 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2327 NTE-NTE2327 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2539 NTE-NTE2539 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com