Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25010A Datasheet (PDF) - ATMEL Corporation

AT25010A Datasheet PDF - ATMEL Corporation
Part # AT25010A
Download  AT25010A Download

File Size   392.33 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K

AT25010A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25010A Datasheet PDF - ATMEL Corporation

Part # AT25010A
Download  AT25010A Click to download

File Size   392.33 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K

AT25010A Datasheet (HTML) - ATMEL Corporation

Back Button AT25010A Datasheet HTML 1Page - ATMEL Corporation AT25010A Datasheet HTML 2Page - ATMEL Corporation AT25010A Datasheet HTML 3Page - ATMEL Corporation AT25010A Datasheet HTML 4Page - ATMEL Corporation AT25010A Datasheet HTML 5Page - ATMEL Corporation AT25010A Datasheet HTML 6Page - ATMEL Corporation AT25010A Datasheet HTML 7Page - ATMEL Corporation AT25010A Datasheet HTML 8Page - ATMEL Corporation AT25010A Datasheet HTML 9Page - ATMEL Corporation AT25010A Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT25010A Product details

Description
The AT25010A/020A/040A provides 1024/2048/4096 bits of serial electrically-erasable programmable read-only memory (EEPROM) organized as 128/256/512 words of 8 bits each. The device is optimized for use in many automotive applications where low-power and low-voltage operation are essential. The AT25010A/020A/040A is available in space-saving 8-lead JEDEC SOIC and 8-lead TSSOP packages.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
   – Data Sheet Describes Mode 0 Operation
• Medium-voltage and Standard-voltage Operation
   – 2.7 (VCC = 2.7V to 5.5V)
• Extended Temperature Range −40⋅C to +125⋅C
• 5.0 MHz Clock Rate
• 8-byte Page Mode
• Block Write Protection
   – Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
   Data Protection
• Self-timed Write Cycle (5 ms max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 100 Years
• 8-lead JEDEC SOIC and 8-lead TSSOP Packages




Similar Part No. - AT25010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A Datasheet
559Kb / 22P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT25010A ATMEL-AT25010A Datasheet
507Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25010A-10PU-1.8 ATMEL-AT25010A-10PU-1.8 Datasheet
559Kb / 22P
   SPI Serial EEPROM
AT25010A-10PU-2.7 ATMEL-AT25010A-10PU-2.7 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results


Similar Description - AT25010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256A ATMEL-AT25256A Datasheet
390Kb / 18P
   SPI Serial Extended Temperature EEPROMs
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
Shenzhen Huazhimei Semi...
HM93C46 HMSEMI-HM93C46 Datasheet
556Kb / 17P
   3-wire Serial EEPROMs 1K/2K/4K HM93C46/56/66
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com