Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC172QS24 Datasheet (PDF) - Hittite Microwave Corporation

HMC172QS24 Datasheet PDF - Hittite Microwave Corporation
Part # HMC172QS24
Download  HMC172QS24 Download

File Size   88.19 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAS MMIC SP6T SWITCH DC TO 2.5 GHz

HMC172QS24 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC172QS24 Datasheet PDF - Hittite Microwave Corporation

Part # HMC172QS24
Download  HMC172QS24 Click to download

File Size   88.19 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAS MMIC SP6T SWITCH DC TO 2.5 GHz

HMC172QS24 Datasheet (HTML) - Hittite Microwave Corporation

HMC172QS24 Datasheet HTML 1Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 2Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 3Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 4Page - Hittite Microwave Corporation

HMC172QS24 Product details

General Description
The HMC172QS24 is a low-cost SP6T switch in a 24-lead QSOP package for use in antenna diversity, switched filter banks, gain/attenuation selection, and general channel multiplexing applications. The switch can control signals up to 2.5 GHz and is especially suited for 800-1000 MHz and 1700-2000 MHz basestation applications. A 3:6 decoder is integrated on the switch, requiring only 3 control lines and a negative bias to select each RF path. The 3:6 decoder replaces 12 control lines normally required by GaAs SP6T switches. Switch outputs are reflective shorts when “off”. The QSOP24 package occupies the same area as a 14-lead SOIC. See positive bias/TTL SP6T version HMC252QS24.

Features
   Low Insertion Loss (1 GHz): 0.6 dB
   Integrated 3:6 Decoder
   24 Lead QSOP Package

Typical Applications
The HMC172QS24 is ideal for:
• Basestation Infrastructure




Similar Part No. - HMC172QS24

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24 Datasheet
213Kb / 6P
   GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
   GaAs MMIC SP6T SWITCH DC - 2.5 GHz
More results


Similar Description - HMC172QS24

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
   GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC252QS24 HITTITE-HMC252QS24_08 Datasheet
173Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
logo
Analog Devices
HMC252AQS24E AD-HMC252AQS24E Datasheet
601Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC252QS24 HITTITE-HMC252QS24_06 Datasheet
249Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC252QS24 HITTITE-HMC252QS24 Datasheet
196Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239AS8 HITTITE-HMC239AS8 Datasheet
303Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_10 Datasheet
198Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_06 Datasheet
227Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
   GaAs Matched SP6T Switch DC - 2 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com