Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA0064E Datasheet (PDF) - Holtek Semiconductor Inc

HA0064E Datasheet PDF - Holtek Semiconductor Inc
Part # HA0064E
Download  HA0064E Download

File Size   59.02 Kbytes
Page   4 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Decoder (102 - Corresponds to HT6010/HT6012)

HA0064E Datasheet (PDF)

Go To PDF Page Download Datasheet
HA0064E Datasheet PDF - Holtek Semiconductor Inc

Part # HA0064E
Download  HA0064E Click to download

File Size   59.02 Kbytes
Page   4 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Decoder (102 - Corresponds to HT6010/HT6012)

HA0064E Datasheet (HTML) - Holtek Semiconductor Inc

HA0064E Datasheet HTML 1Page - Holtek Semiconductor Inc HA0064E Datasheet HTML 2Page - Holtek Semiconductor Inc HA0064E Datasheet HTML 3Page - Holtek Semiconductor Inc HA0064E Datasheet HTML 4Page - Holtek Semiconductor Inc



Similar Part No. - HA0064E

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA0001 HBH-HA0001 Datasheet
17Kb / 1P
   1 - 150 MHz Amplifier
logo
Holtek Semiconductor In...
HA0003E HOLTEK-HA0003E Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
HA0004E HOLTEK-HA0004E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0005E HOLTEK-HA0005E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0011E HOLTEK-HA0011E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
More results


Similar Description - HA0064E

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VSTW1152GA3SE-TR STANLEY-VSTW1152GA3SE-TR Datasheet
732Kb / 26P
   Corresponds to special color
VCEW1152GDS-TR STANLEY-VCEW1152GDS-TR Datasheet
746Kb / 26P
   Corresponds to special color
VSTW1152GDSE-3D3L3-TR STANLEY-VSTW1152GDSE-3D3L3-TR Datasheet
797Kb / 26P
   Corresponds to special color
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI1-SN74LVC1G139_15 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
SN74LVC1G139 TI-SN74LVC1G139_07 Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
logo
Abracon Corporation
ASVTX-11-121 ABRACON-ASVTX-11-121 Datasheet
1Mb / 3P
   Vc function corresponds to PLL circuits
10.19.15
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com