Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH36931 Datasheet (PDF) - List of Unclassifed Manufacturers

BH36931 Datasheet PDF - List of Unclassifed Manufacturers
Part # BH36931
Download  BH36931 Download

File Size   426.16 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP

BH36931 Datasheet (PDF)

Go To PDF Page Download Datasheet
BH36931 Datasheet PDF - List of Unclassifed Manufacturers

Part # BH36931
Download  BH36931 Click to download

File Size   426.16 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP

BH36931 Datasheet (HTML) - List of Unclassifed Manufacturers

BH36931 Datasheet HTML 1Page - List of Unclassifed Manufacturers BH36931 Datasheet HTML 2Page - List of Unclassifed Manufacturers BH36931 Datasheet HTML 3Page - List of Unclassifed Manufacturers BH36931 Datasheet HTML 4Page - List of Unclassifed Manufacturers BH36931 Datasheet HTML 5Page - List of Unclassifed Manufacturers

BH36931 Product details

[FACON]

single phase moulded bridges 0,8 Amp to 1,5 Amp

single phase moulded bridges 3 A to 6 A

moulded single phase bridges 10 A to 35 A

single phase moulded bridges 10 A to 50 A

moulded single phase bridges 25 A to 50 A




Similar Part No. - BH36931

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30FB1WG ROHM-BH30FB1WG Datasheet
361Kb / 6P
   CMOS Type series regulator
BH30FB1WG ROHM-BH30FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BH30FB1WG ROHM-BH30FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH30FB1WG-TR ROHM-BH30FB1WG-TR Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH30FB1WG-TR ROHM-BH30FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
More results


Similar Description - BH36931

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
469-01 MICROSEMI-469-01 Datasheet
210Kb / 3P
   SINGLE PHASE 10 AMP RECTIFIER BRIDGES
logo
New Jersey Semi-Conduct...
469-1 NJSEMI-469-1 Datasheet
241Kb / 2P
   RECTIFIER ASSEMBLIES Single Phase Bridges, 10 Amp, Military Approved
logo
Microsemi Corporation
483-01 MICROSEMI-483-01 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
JAN469-1 MICROSEMI-JAN469-1 Datasheet
95Kb / 2P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved
JANSPA25 MICROSEMI-JANSPA25 Datasheet
88Kb / 2P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
logo
International Rectifier
100JB IRF-100JB Datasheet
203Kb / 5P
   10 to 35 Amp Rectifier Bridges
logo
Microsemi Corporation
697 MICROSEMI-697 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
KBPC3027 MICROSEMI-KBPC3027 Datasheet
102Kb / 2P
   30 AMP AVALANCHE BRIDGES
JANTX483-1 MICROSEMI-JANTX483-1 Datasheet
81Kb / 2P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
logo
New Jersey Semi-Conduct...
483-1 NJSEMI-483-1 Datasheet
107Kb / 1P
   RECTIFIER ASSEMBLIES Three Phase Bridges, 25 Amp, Military Approved
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com