Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3900 Datasheet (PDF) - Sanyo Semicon Device

2SC3900 Datasheet PDF - Sanyo Semicon Device
Part # 2SC3900
Download  2SC3900 Download

File Size   327.2 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Switching Applications

2SC3900 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3900 Datasheet PDF - Sanyo Semicon Device

Part # 2SC3900
Download  2SC3900 Click to download

File Size   327.2 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Switching Applications

2SC3900 Datasheet (HTML) - Sanyo Semicon Device

2SC3900 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3900 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3900 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3900 Datasheet HTML 4Page - Sanyo Semicon Device 2SC3900 Datasheet HTML 5Page - Sanyo Semicon Device

2SC3900 Product details

Switching Application ( with Bias Resistance R1 = 4.7kΩ)



Features

• On-chip bias resistance : R1 = 4.7kohms

• Small-sized package : CP

Applications
• Switching circuits, inverter circuits, interface circuits, driver circuits



Similar Part No. - 2SC3900

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3901 SANYO-2SC3901 Datasheet
88Kb / 2P
   PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Foshan Blue Rocket Elec...
2SC3902 FOSHAN-2SC3902 Datasheet
599Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
logo
Sanyo Semicon Device
2SC3902 SANYO-2SC3902 Datasheet
130Kb / 4P
   160V/1.5A Switching Applications
logo
Inchange Semiconductor ...
2SC3902 ISC-2SC3902 Datasheet
85Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC3902 SAVANTIC-2SC3902 Datasheet
175Kb / 4P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC3900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
logo
Toshiba Semiconductor
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
   Switching Applications
SSM4K27CT TOSHIBA-SSM4K27CT Datasheet
203Kb / 5P
   Switching Applications
logo
STMicroelectronics
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com