Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4061K Datasheet (PDF) - Rohm

2SC4061K Datasheet PDF - Rohm
Part # 2SC4061K
Download  2SC4061K Download

File Size   78.33 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Chroma Amplifier Transistor (300V, 0.1A)

2SC4061K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4061K Datasheet PDF - Rohm

Part # 2SC4061K
Download  2SC4061K Click to download

File Size   78.33 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Chroma Amplifier Transistor (300V, 0.1A)

2SC4061K Datasheet (HTML) - Rohm

2SC4061K Datasheet HTML 1Page - Rohm 2SC4061K Datasheet HTML 2Page - Rohm 2SC4061K Datasheet HTML 3Page - Rohm 2SC4061K Datasheet HTML 4Page - Rohm

2SC4061K Product details

Features

1) High breakdown voltage. (BVCEO=300V)

2) Low collector output capacitance.  (Typ. 3pF at VCB=30V)

3) Ideal for chroma circuit.



Similar Part No. - 2SC4061K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4061K ROHM-2SC4061K Datasheet
61Kb / 1P
   Chroma Amplifier Transistor
logo
Guangdong Kexin Industr...
2SC4061K KEXIN-2SC4061K Datasheet
36Kb / 1P
   Chroma amplifier transistor
logo
Rohm
2SC4061K ROHM-2SC4061K Datasheet
169Kb / 4P
   Chroma amplifier transistor (300V, 0.1A)
2SC4061K ROHM-2SC4061K Datasheet
172Kb / 4P
   Chroma amplifier transistor
2SC4061K ROHM-2SC4061K Datasheet
100Kb / 4P
   Chroma amplifier transistor (300V, 0.1A)
More results


Similar Description - 2SC4061K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4061K ROHM-2SC4061K_09 Datasheet
169Kb / 4P
   Chroma amplifier transistor (300V, 0.1A)
2SC4061KT146N ROHM-2SC4061KT146N Datasheet
100Kb / 4P
   Chroma amplifier transistor (300V, 0.1A)
logo
Guangdong Kexin Industr...
2SC4061K KEXIN-2SC4061K Datasheet
36Kb / 1P
   Chroma amplifier transistor
logo
Rohm
2SC3271F ROHM-2SC3271F Datasheet
61Kb / 1P
   Chroma Amplifier Transistor
2SC3415S ROHM-2SC3415S Datasheet
63Kb / 2P
   Chroma amplifier transistor
2SC4061K ROHM-2SC4061K_12 Datasheet
172Kb / 4P
   Chroma amplifier transistor
2SC4505 ROHM-2SC4505 Datasheet
83Kb / 4P
   Power Transistor (400V, 0.1A)
2SC4505 ROHM-2SC4505_07 Datasheet
73Kb / 4P
   Power Transistor (400V, 0.1A)
2SCR523M ROHM-2SCR523M Datasheet
173Kb / 3P
   General purpose transistor(50V,0.1A)
2SAR523M ROHM-2SAR523M Datasheet
172Kb / 3P
   General purpose transistor(-50V,-0.1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com