Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI2309 Datasheet (PDF) - Intersil Corporation

HI2309 Datasheet PDF - Intersil Corporation
Part # HI2309
Download  HI2309 Download

File Size   652.49 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 10-Bit, 50 MSPS,3-Channel D/A Converter

HI2309 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI2309 Datasheet PDF - Intersil Corporation

Part # HI2309
Download  HI2309 Click to download

File Size   652.49 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 10-Bit, 50 MSPS,3-Channel D/A Converter

HI2309 Datasheet (HTML) - Intersil Corporation

HI2309 Datasheet HTML 1Page - Intersil Corporation HI2309 Datasheet HTML 2Page - Intersil Corporation HI2309 Datasheet HTML 3Page - Intersil Corporation HI2309 Datasheet HTML 4Page - Intersil Corporation HI2309 Datasheet HTML 5Page - Intersil Corporation HI2309 Datasheet HTML 6Page - Intersil Corporation HI2309 Datasheet HTML 7Page - Intersil Corporation HI2309 Datasheet HTML 8Page - Intersil Corporation HI2309 Datasheet HTML 9Page - Intersil Corporation

HI2309 Product details

Description
The HI2309 is a triple 10-bit, high-speed, CMOS D/A converter designed for video band use. It has three separate, 10-bit, pixel inputs, one each for red, green, and blue video data. A single 5.0V power supply and pixel clock input is all that is required to make the device operational. A bias voltage generator is internal. Each channel clock input can be controlled individually, or connected together as one. The HI2309 also has BLANK video control signal.

Features
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . .Triple 10-Bit
• Maximum Conversion Speed . . . . . . . . . . . . . . . 50MHz
• RGB 3-Channel Input/Output
• Differential Linearity Error . . . . . . . . . . . . . . . ±0.5 LSB
• Low Power Consumption . . . . . . . . . . . . . . . . . . 200mW (200Ω Load for 2VP-P Output)
• Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . +5V Single
• Low Glitch
• Direct Replacement for Sony CXD2309

Applications
• Digital TV
• Graphics Display
• High Resolution Color Graphics
• Video Reconstruction
• Instrumentation
• Image Processing
• I/Q Modulation




Similar Part No. - HI2309

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2300 INTERSIL-HI2300 Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2300JCQ INTERSIL-HI2300JCQ Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2301JCQ INTERSIL-HI2301JCQ Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
More results


Similar Description - HI2309

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2307 INTERSIL-HI2307 Datasheet
685Kb / 10P
   Triple 10-Bit, 50 MSPS, RGB, 3-Channel D/A Converter
HI3050 INTERSIL-HI3050 Datasheet
92Kb / 11P
   Triple 10-Bit, 50 MSPS, High Speed, 3-Channel D/A Converter
August 1997
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI1260 INTERSIL-HI1260 Datasheet
166Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI20206 INTERSIL-HI20206 Datasheet
171Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI1178 INTERSIL-HI1178 Datasheet
90Kb / 11P
   Triple 8-Bit, 40 MSPS, RGB, 3-Channel D/A Converter
March 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com