Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03P4MG Datasheet (PDF) - NEC

03P4MG Datasheet PDF - NEC
Part # 03P4MG
Download  03P4MG Download

File Size   155.18 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR

03P4MG Datasheet (PDF)

Go To PDF Page Download Datasheet
03P4MG Datasheet PDF - NEC

Part # 03P4MG
Download  03P4MG Click to download

File Size   155.18 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR

03P4MG Datasheet (HTML) - NEC

03P4MG Datasheet HTML 1Page - NEC 03P4MG Datasheet HTML 2Page - NEC 03P4MG Datasheet HTML 3Page - NEC 03P4MG Datasheet HTML 4Page - NEC 03P4MG Datasheet HTML 5Page - NEC 03P4MG Datasheet HTML 6Page - NEC

03P4MG Product details

SEMICONDUCTOR SELECTION GUIDE

   Microcomputer
   IC Memory
   Semi-Custom IC
   Particular Purpose IC
   General Purpose Linear IC
   Transistor / Diode / Thyristor
   Microwave Device / Consumer Use High Frequency Device
   Optical Device
   Packages
   Index (Quick Reference by Type Number)



Similar Part No. - 03P4MG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
03P4MG KERSEMI-03P4MG Datasheet
1Mb / 5P
   Employs flame-retardant epoxy resin
logo
Renesas Technology Corp
03P4MG RENESAS-03P4MG Datasheet
320Kb / 8P
   THYRISTORS
2002
More results


Similar Description - 03P4MG

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
HL02150GTTR AVX-HL02150GTTR Datasheet
303Kb / 4P
   High Withstanding Voltage
logo
NEC
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
   8A MOLD ISOLATED SCR
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
   THYRISTORS 3 A MOLD SCR
2002
logo
Nexperia B.V. All right...
PXTA42 NEXPERIA-PXTA42 Datasheet
795Kb / 9P
   300 V, 100 mA NPN high-voltage transistor
Rev. 5 - 11 July 2011
PXTA92 NEXPERIA-PXTA92 Datasheet
676Kb / 9P
   300 V, 100 mA PNP high-voltage transistor
Rev. 6 - 27 September 2011
logo
NXP Semiconductors
PMBTA42 NXP-PMBTA42 Datasheet
218Kb / 9P
   300 V, 100 mA NPN high-voltage transistor
Rev. 05-12 December 2008
logo
Nexperia B.V. All right...
PMBTA42 NEXPERIA-PMBTA42 Datasheet
319Kb / 10P
   300 V, 100 mA NPN high-voltage transistor
Rev. 05 - 12 December 2008
logo
Amphenol Corporation
P-DWR-T010P-V233-01 AMPHENOL-P-DWR-T010P-V233-01 Datasheet
85Kb / 2P
   DIELECTRIC WITHSTANDING VOLTAGE
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com