Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY255GP Datasheet (PDF) - Vishay Siliconix

BY255GP Datasheet PDF - Vishay Siliconix
Part # BY255GP
Download  BY255GP Download

File Size   34.91 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Plastic Rectifiers

BY255GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BY255GP Datasheet PDF - Vishay Siliconix

Part # BY255GP
Download  BY255GP Click to download

File Size   34.91 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Plastic Rectifiers

BY255GP Datasheet (HTML) - Vishay Siliconix

BY255GP Datasheet HTML 1Page - Vishay Siliconix BY255GP Datasheet HTML 2Page - Vishay Siliconix

BY255GP Product details

Features
• Plastic package has Underwriters Laboratories Flammability Classification 94V-0
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Capable of meeting environmental standards of MIL-S-19500
• 3.0 Ampere operation at TA=55°C with no thermal runaway
• Typical IR less than 0.1µA
• High temperature soldering guaranteed: 350°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - BY255GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY255GP VISHAY-BY255GP Datasheet
76Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
BY255GP VISHAY-BY255GP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
13-Jun-16
More results


Similar Description - BY255GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
52Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
16-Mar-04
GP30M-E3-54 VISHAY-GP30M-E3-54 Datasheet
87Kb / 4P
   Glass Passivated Junction Plastic Rectifiers
Revision: 03-Apr-08
logo
Pan Jit International I...
PG600A PANJIT-PG600A_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Pan Jit International I...
PG600A PANJIT-PG600A_07 Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Gulf Semiconductor
MUR420 GULFSEMI-MUR420 Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR460A GULFSEMI-MUR460A Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR260 YFWDIODE-MUR260 Datasheet
288Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Nanjing International G...
MUR260 DGNJDZ-MUR260 Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Taiwan Semiconductor Co...
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com