Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20605L Datasheet (PDF) - Texas Instruments

20605L Datasheet PDF - Texas Instruments
Part # 20605L
Download  20605L Download

File Size   186.44 Kbytes
Page   6 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Snap-Action Automatic and Manual reset Fixed Temperature Thermostats

20605L Datasheet (PDF)

Go To PDF Page Download Datasheet
20605L Datasheet PDF - Texas Instruments

Part # 20605L
Download  20605L Click to download

File Size   186.44 Kbytes
Page   6 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Snap-Action Automatic and Manual reset Fixed Temperature Thermostats

20605L Datasheet (HTML) - Texas Instruments

20605L Datasheet HTML 1Page - Texas Instruments 20605L Datasheet HTML 2Page - Texas Instruments 20605L Datasheet HTML 3Page - Texas Instruments 20605L Datasheet HTML 4Page - Texas Instruments 20605L Datasheet HTML 5Page - Texas Instruments 20605L Datasheet HTML 6Page - Texas Instruments



Similar Part No. - 20605L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2060 ETC1-2060 Datasheet
295Kb / 7P
   38-mm (1 1/2-inch) 10 stage, End-Window Photomultiplier
logo
Heyco.
2060 HEYCO-2060 Datasheet
133Kb / 1P
   Snap Bushings
logo
Christian Bürkert GmbH ...
2060 BURKERT-2060 Datasheet
1Mb / 25P
   Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
20.03.2024
2060 BURKERT-2060 Datasheet
2Mb / 20P
   Modular process valve cluster – distributor and collector
06.03.2024
logo
WAGO Kontakttechnik Gmb...
2060-189 WAGO-2060-189 Datasheet
388Kb / 7P
   SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
More results


Similar Description - 20605L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com