Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA115EU Datasheet (PDF) - NXP Semiconductors

PDTA115EU Datasheet PDF - NXP Semiconductors
Part # PDTA115EU
Download  PDTA115EU Download

File Size   93.83 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW

PDTA115EU Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA115EU Datasheet PDF - NXP Semiconductors

Part # PDTA115EU
Download  PDTA115EU Click to download

File Size   93.83 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW

PDTA115EU Datasheet (HTML) - NXP Semiconductors

Back Button PDTA115EU Datasheet HTML 1Page - NXP Semiconductors PDTA115EU Datasheet HTML 2Page - NXP Semiconductors PDTA115EU Datasheet HTML 3Page - NXP Semiconductors PDTA115EU Datasheet HTML 4Page - NXP Semiconductors PDTA115EU Datasheet HTML 5Page - NXP Semiconductors PDTA115EU Datasheet HTML 6Page - NXP Semiconductors PDTA115EU Datasheet HTML 7Page - NXP Semiconductors PDTA115EU Datasheet HTML 8Page - NXP Semiconductors PDTA115EU Datasheet HTML 9Page - NXP Semiconductors PDTA115EU Datasheet HTML 10Page - NXP Semiconductors Next Button 

PDTA115EU Product details

PNP resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ



DESCRIPTION

PNP resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details).



FEATURES

• Built-in bias resistors

• Simplified circuit design

• Reduction of component count

• Reduced pick and place costs.



APPLICATIONS

• General purpose switching and amplification

• Inverter and interface circuits

• Circuit driver.




Similar Part No. - PDTA115EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA115EU PHILIPS-PDTA115EU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTA115EU NXP-PDTA115EU Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 100 k廓, R2 = 100 k廓
2004 Jul 30
logo
Nexperia B.V. All right...
PDTA115EU NEXPERIA-PDTA115EU Datasheet
420Kb / 15P
   NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Aug 06
PDTA115EU NEXPERIA-PDTA115EU Datasheet
422Kb / 15P
   PNP resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Jul 30
More results


Similar Description - PDTA115EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PEMB24 NEXPERIA-PEMB24 Datasheet
79Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02 - 2 September 2009
logo
NXP Semiconductors
PEMB24_PUMB24 PHILIPS-PEMB24_PUMB24_15 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24 NXP-PEMB24 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMD24 NXP-PEMD24 Datasheet
78Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PEMD24_PUMD24 PHILIPS-PEMD24_PUMD24_15 Datasheet
78Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PDTC115E PHILIPS-PDTC115E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Aug 06
PEMH24_PUMH24 PHILIPS-PEMH24_PUMH24_15 Datasheet
66Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005
PDTA115T NXP-PDTA115T Datasheet
110Kb / 17P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05-2 September 2009
logo
Nexperia B.V. All right...
PDTA115T_SER NEXPERIA-PDTA115T_SER Datasheet
224Kb / 18P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com