Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

358RPFS Datasheet (PDF) - Maxwell Technologies

358RPFS Datasheet PDF - Maxwell Technologies
Part # 358RPFS
Download  358RPFS Download

File Size   122.74 Kbytes
Page   9 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 8-Channel Fault-Protected Analog Multiplexer

358RPFS Datasheet (PDF)

Go To PDF Page Download Datasheet
358RPFS Datasheet PDF - Maxwell Technologies

Part # 358RPFS
Download  358RPFS Click to download

File Size   122.74 Kbytes
Page   9 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 8-Channel Fault-Protected Analog Multiplexer

358RPFS Datasheet (HTML) - Maxwell Technologies

358RPFS Datasheet HTML 1Page - Maxwell Technologies 358RPFS Datasheet HTML 2Page - Maxwell Technologies 358RPFS Datasheet HTML 3Page - Maxwell Technologies 358RPFS Datasheet HTML 4Page - Maxwell Technologies 358RPFS Datasheet HTML 5Page - Maxwell Technologies 358RPFS Datasheet HTML 6Page - Maxwell Technologies 358RPFS Datasheet HTML 7Page - Maxwell Technologies 358RPFS Datasheet HTML 8Page - Maxwell Technologies 358RPFS Datasheet HTML 9Page - Maxwell Technologies

358RPFS Product details

DESCRIPTION:
Maxwells’s 358 8-Channel single-ended (1 of 8) multiplexers with fault protection features a greater than 50 krad (Si) total dose tolerance, depending upon space mission. Using a series N-channel, P-channel, N-channel structure, these multiplexers provide significantly improved fault protection. If the power supplies to the fault-protected multiplexer are inadvertently turned off while input voltages are still applied, all channels in the multiplexer are turned off, and only a few nanoamperes of leakage current will flow into the inputs. This protects not only the multiplexer and the circuitry driven by the multiplexer, but also protects the sensors or signal sources which drive the multiplexer. All digital inputs have logic thresholds of 0.8V and 2.4V, ensuring both TTL and CMOS compatibility without requiring pullup resistors. Break-before-make operation is guaranteed. Power supply currents have been reduced and typical power dissipation is less than 2 mW.

FEATURES:
• RAD-PAK® technology-hardened against natural space radiation
• Total dose hardness:
   - > 50 krad (Si), depending upon space mission
• Excellent Single Event Effect
   - SELTH > 80 MeV/mg/cm2
   - SEUTH > 80 MeV/mg/cm2
• Package:
   - 16 pin RAD-PAK® Flat Pack
• All switches off with power supplies off
• On channel turns OFF if overvoltage occurs
• Only nanoamperes of input current under all fault conditions
• Operates from ±4.5 to ±18V supplies
• All digital inputs are TTL and CMOS compatible
• Significantly reduced power consumption




Similar Part No. - 358RPFS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
358 LITTELFUSE-358 Datasheet
71Kb / 2P
   MINIATURE FUSES - 6.3x32mm
logo
3M Electronics
358 3M-358 Datasheet
1Mb / 4P
   3M??Power Clamp Wiremount Plug
358-9-5252-1 3M-358-9-5252-1 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
Vishay Siliconix
3580 VISHAY-3580 Datasheet
89Kb / 2P
   Ceramic Stand-off Insulators for RF-Equipment
Revision: 29-Aug-02
logo
Pomona Electronics
3580 POMONA-3580 Datasheet
24Kb / 1P
   Triaxial (F) Bulkhead Receptacle
More results


Similar Description - 358RPFS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG528FBNZ AD-ADG528FBNZ Datasheet
286Kb / 16P
   8-Channel Fault-Protected Analog Multiplexer
Rev. F
logo
Maxim Integrated Produc...
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX368 MAXIM-MAX368 Datasheet
406Kb / 11P
   Fault-Protected Analog Multiplexer with Latch
19-0982; Rev 1; 7/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com