Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T50AC40A Datasheet (PDF) - International Rectifier

T50AC40A Datasheet PDF - International Rectifier
Part # T50AC40A
Download  T50AC40A Download

File Size   164.24 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 50A POWER TRIACS

T50AC40A Datasheet (PDF)

Go To PDF Page Download Datasheet
T50AC40A Datasheet PDF - International Rectifier

Part # T50AC40A
Download  T50AC40A Click to download

File Size   164.24 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 50A POWER TRIACS

T50AC40A Datasheet (HTML) - International Rectifier

T50AC40A Datasheet HTML 1Page - International Rectifier T50AC40A Datasheet HTML 2Page - International Rectifier T50AC40A Datasheet HTML 3Page - International Rectifier T50AC40A Datasheet HTML 4Page - International Rectifier



Similar Part No. - T50AC40A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors
T50 VISHAY-T50 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
logo
List of Unclassifed Man...
T50-24C3 ETC2-T50-24C3 Datasheet
490Kb / 2P
   C L A S S 2 T R ANS FORME R S
T50-24F3 ETC2-T50-24F3 Datasheet
490Kb / 2P
   C L A S S 2 T R ANS FORME R S
T50-24M3 ETC2-T50-24M3 Datasheet
490Kb / 2P
   C L A S S 2 T R ANS FORME R S
More results


Similar Description - T50AC40A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5683 MOSPEC-2N5683 Datasheet
185Kb / 4P
   POWER TRANSISTORS(50A,300W)
logo
Naina Semiconductor ltd...
1N6097 NAINA-1N6097 Datasheet
123Kb / 2P
   Schottky Power Diode, 50A
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
American Zettler, Inc.
AZSR235 AZETTLER-AZSR235 Datasheet
1Mb / 2P
   50A (35A) MINIATURE POWER RELAY
logo
Rohm
RD3L03BBG ROHM-RD3L03BBG Datasheet
2Mb / 13P
   Nch 60V 50A Power MOSFET
20220926 - Rev.002
R6050JNZ4 ROHM-R6050JNZ4 Datasheet
2Mb / 14P
   Nch 600V 50A Power MOSFET
20190507 - Rev.001
RD3P05BAT ROHM-RD3P05BAT Datasheet
2Mb / 14P
   Pch -100V -50A Power MOSFET
20230105 - Rev.002
RD3R05BBH ROHM-RD3R05BBH Datasheet
2Mb / 13P
   Nch 150V 50A Power MOSFET
20221109 - Rev.002
RX3R05BBH ROHM-RX3R05BBH Datasheet
2Mb / 13P
   Nch 150V 50A Power MOSFET
20221109 - Rev.002
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com