Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST34HF1602C Datasheet (PDF) - Silicon Storage Technology, Inc

SST34HF1602C Datasheet PDF - Silicon Storage Technology, Inc
Part # SST34HF1602C
Download  SST34HF1602C Download

File Size   488.09 Kbytes
Page   38 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory

SST34HF1602C Datasheet (PDF)

Go To PDF Page Download Datasheet
SST34HF1602C Datasheet PDF - Silicon Storage Technology, Inc

Part # SST34HF1602C
Download  SST34HF1602C Click to download

File Size   488.09 Kbytes
Page   38 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory

SST34HF1602C Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST34HF1602C Datasheet HTML 1Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 2Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 3Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 4Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 5Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST34HF1602C Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST34HF1602C Product details

PRODUCT DESCRIPTION
The SST34HF16x2C/D/S ComboMemory devices integrate either a 1M x16 or 2M x8 CMOS flash memory bank with either a 128K x16/256K x8, 256K x16/512 x8, or 512K x16/1024K x8 CMOS SRAM or pseudo SRAM (PSRAM) memory bank in a multi-chip package (MCP). These devices are fabricated using SST’s proprietary, high-performance CMOS SuperFlash technology incorporating the split-gate cell design and thick-oxide tunneling injector to attain better reliability and manufacturability compared with alternate approaches. The SST34HF16x2C/D/S devices are ideal for applications such as cellular phones, GPS devices, PDAs, and other portable electronic devices in a low power and small form factor system.

FEATURES:
• Flash Organization: 1M x16 or 2M x8
• Dual-Bank Architecture for Concurrent Read/Write Operation
   – 16 Mbit: 4 Mbit + 12 Mbit
• (P)SRAM Organization:
   – 2 Mbit: 128K x16 or 256K x8
   – 4 Mbit: 256K x16 or 512K x8
   – 8 Mbit: 512K x16 or 1024K x8
• Single 2.7-3.3V Read and Write Operations
• Superior Reliability
   – Endurance: 100,000 Cycles (typical)
   – Greater than 100 years Data Retention
• Low Power Consumption:
   – Active Current: 25 mA (typical)
   – Standby Current: 20 µA (typical)
• Hardware Sector Protection (WP#)
   – Protects 4 outer most sectors (4 KWord) in the larger bank by holding WP# low and unprotects by holding WP# high
• Hardware Reset Pin (RST#)
   – Resets the internal state machine to reading data array
• Byte Selection for Flash (CIOF pin)
   – Selects 8-bit or 16-bit mode
• Sector-Erase Capability
   – Uniform 2 KWord sectors
• Block-Erase Capability
   – Uniform 32 KWord blocks
• Read Access Time
   – Flash: 70 ns
   – (P)SRAM: 70 ns
• Erase-Suspend / Erase-Resume Capabilities
• Security ID Feature
   – SST: 128 bits
   – User: 128 bits
• Latched Address and Data
• Fast Erase and Word-/Byte-Program (typical):
   – Sector-Erase Time: 18 ms
   – Block-Erase Time: 18 ms
   – Chip-Erase Time: 35 ms
   – Word-Program Time: 7 µs
• Automatic Write Timing
   – Internal VPP Generation
• End-of-Write Detection
   – Toggle Bit
   – Data# Polling
   – Ready/Busy# pin
• CMOS I/O Compatibility
• JEDEC Standard Command Set
• Packages Available
   – 56-ball LFBGA (8mm x 10mm)
   – 62-ball LFBGA (8mm x 10mm)



Similar Part No. - SST34HF1602C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1601-70-4C-L1P SST-SST34HF1601-70-4C-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4C-L1P SST-SST34HF1601-70-4C-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1601-70-4C-LFP SST-SST34HF1601-70-4C-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4E-L1P SST-SST34HF1601-70-4E-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4E-L1P SST-SST34HF1601-70-4E-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
More results


Similar Description - SST34HF1602C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com