Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWS5508 Datasheet (PDF) - ANADIGICS, Inc

AWS5508 Datasheet PDF - ANADIGICS, Inc
Part # AWS5508
Download  AWS5508 Download

File Size   111.69 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description SP4T PHEMT Transmit/Receive Antenna Switch GSM 900 MHz/DCS 1800 MHz/PCS 1900 MHz

AWS5508 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWS5508 Datasheet PDF - ANADIGICS, Inc

Part # AWS5508
Download  AWS5508 Click to download

File Size   111.69 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description SP4T PHEMT Transmit/Receive Antenna Switch GSM 900 MHz/DCS 1800 MHz/PCS 1900 MHz

AWS5508 Datasheet (HTML) - ANADIGICS, Inc

AWS5508 Datasheet HTML 1Page - ANADIGICS, Inc AWS5508 Datasheet HTML 2Page - ANADIGICS, Inc AWS5508 Datasheet HTML 3Page - ANADIGICS, Inc AWS5508 Datasheet HTML 4Page - ANADIGICS, Inc AWS5508 Datasheet HTML 5Page - ANADIGICS, Inc AWS5508 Datasheet HTML 6Page - ANADIGICS, Inc AWS5508 Datasheet HTML 7Page - ANADIGICS, Inc AWS5508 Datasheet HTML 8Page - ANADIGICS, Inc



Similar Part No. - AWS5508

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
AWS5502-S14 ANADIGICS-AWS5502-S14 Datasheet
303Kb / 3P
   GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
AWS5502S14 ANADIGICS-AWS5502S14 Datasheet
194Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
AWS5503 ANADIGICS-AWS5503 Datasheet
536Kb / 8P
   GaAs IC High Power SPDT Reflective Switch Positive Control DC-3 GHz
AWS5503-S15 ANADIGICS-AWS5503-S15 Datasheet
306Kb / 3P
   GaAs IC High Power SPDT Reflective Switch Positive Control DC - 3 GHz
More results


Similar Description - AWS5508

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
   GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
World Produts Inc.
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
   900 MHz GSM Corner Antenna
logo
Suzhou Maswell Communic...
AN_GSM_824 MASWELL-AN_GSM_824 Datasheet
415Kb / 3P
   4G/3G/GSM antenna 900/1800/2100 MHz Rectangular Mini
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA_15 Datasheet
66Kb / 2P
   900 MHz GSM Unipolarized Directional Antenna
logo
Tyco Electronics
MLO81100-01850 MACOM-MLO81100-01850 Datasheet
33Kb / 2P
   Surface Mount Voltage Controlled Oscillator DCS 1800 - 1900 MHz
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA Datasheet
71Kb / 2P
   900 MHz GSM Unipolarized Directional Antenna
WPANT30048-RA WPI-WPANT30048-RA Datasheet
68Kb / 2P
   900 MHz GSM Omni-Directional Antenna
WPANT30048-R2A WPI-WPANT30048-R2A Datasheet
110Kb / 3P
   900 MHz GSM Omni-Directional Antenna
logo
Suzhou Maswell Communic...
AN_GSM_108L MASWELL-AN_GSM_108L Datasheet
406Kb / 3P
   4G/3G/GSM antenna 900/1800/2100/2400 MHz Slim Patch Antenna
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com