Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR34L02FV-W Datasheet (PDF) - Rohm

BR34L02FV-W Datasheet PDF - Rohm
Part # BR34L02FV-W
Download  BR34L02FV-W Download

File Size   529.54 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 256짰 bit Electrically Erasable PROM

BR34L02FV-W Datasheet (PDF)

Go To PDF Page Download Datasheet
BR34L02FV-W Datasheet PDF - Rohm

Part # BR34L02FV-W
Download  BR34L02FV-W Click to download

File Size   529.54 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 256짰 bit Electrically Erasable PROM

BR34L02FV-W Datasheet (HTML) - Rohm

Back Button BR34L02FV-W Datasheet HTML 1Page - Rohm BR34L02FV-W Datasheet HTML 2Page - Rohm BR34L02FV-W Datasheet HTML 3Page - Rohm BR34L02FV-W Datasheet HTML 4Page - Rohm BR34L02FV-W Datasheet HTML 5Page - Rohm BR34L02FV-W Datasheet HTML 6Page - Rohm BR34L02FV-W Datasheet HTML 7Page - Rohm BR34L02FV-W Datasheet HTML 8Page - Rohm BR34L02FV-W Datasheet HTML 9Page - Rohm BR34L02FV-W Datasheet HTML 10Page - Rohm Next Button 

BR34L02FV-W Product details

TheBR34L02FV-W is a2kbit EEPROM memory with write-protect function having independent rewrite inhibit area, developed for a DIMM that uses synchronous DRAM memory, and a RIMM that uses RAMBUS DRAM memory. This is a memoryIC that reads ID in order for the Plug & Play feature to operate.



Features

1) 256k registers ×8 bits serial architecture

2) Single power supply(1.8V to 5.5V)

3) Two wire serial interface

4) Page Write Function (16byte)

5) Write Protect Mode

Write protect 1 (One time Rom)  : 00h to 7Fh

Write protect 2 (Hard wire WP PIN)  : 00h to FFh

6) Low Power consumption

Write (5V)  : 1.2mA(Typ.)

Read (5V)  : 0.2mA(Typ.)

Standby(5V)  : 0.1µA (Typ.)

7)DATA security

Write protect feature (WP pin)

Inhibit to WRITE at low VCC

8) Small package - - - - - - SSOP-B8 pin

9) High reliability fine pattern CMOS technology

10) Endurance : 1,000,000 erase/write cycles

11) Dataretention : 40years

12) Filtered inputs in SCL•SDA for noise suppression

13) Initial data FFh in all address




Similar Part No. - BR34L02FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
BR34L02FV-WE2 ROHM-BR34L02FV-WE2 Datasheet
1Mb / 17P
   2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
BR34L02FV-WE2 ROHM-BR34L02FV-WE2 Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
BR34L02FV-W ROHM-BR34L02FV-W_09 Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
More results


Similar Description - BR34L02FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L32 ROHM-BR24L32 Datasheet
443Kb / 26P
   4k횞8 bit electrically erasable PROM
BR24L16 ROHM-BR24L16 Datasheet
390Kb / 26P
   2k횞8 bit electrically erasable PROM
BR24L01 ROHM-BR24L01 Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L02 ROHM-BR24L02 Datasheet
391Kb / 26P
   256x8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR24L08-W ROHM-BR24L08-W Datasheet
388Kb / 25P
   1024횞8 bit electrically erasable PROM
BR24L08-W ROHM-BR24L08-W_07 Datasheet
397Kb / 26P
   1024횞8 bit electrically erasable PROM
BR24L64-W ROHM-BR24L64-W_1 Datasheet
436Kb / 26P
   8k횞8 bit electrically erasable PROM
BR24L04-W ROHM-BR24L04-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
   Electrically Erasable PROM
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com