Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1611POTR Datasheet (PDF) - Analog Intergrations Corporation

AIC1611POTR Datasheet PDF - Analog Intergrations Corporation
Part # AIC1611POTR
Download  AIC1611POTR Download

File Size   651.86 Kbytes
Page   16 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER

AIC1611POTR Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1611POTR Datasheet PDF - Analog Intergrations Corporation

Part # AIC1611POTR
Download  AIC1611POTR Click to download

File Size   651.86 Kbytes
Page   16 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER

AIC1611POTR Datasheet (HTML) - Analog Intergrations Corporation

Back Button AIC1611POTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 9Page - Analog Intergrations Corporation AIC1611POTR Datasheet HTML 10Page - Analog Intergrations Corporation Next Button 

AIC1611POTR Product details

DESCRIPTION
The AIC1610/AIC1611 are high efficiency step up DC-DC converters. The start-up voltage is as low as 0.8V with operating voltage down to 0.7V. Simply consuming 20µA of quiescent current. These devices offer a built-in synchronous rectifier that reduces size and cost by eliminating the need for an external Schottky diode and improves overall efficiency by minimizing losses.
The switching frequency can range up to 500KHz depending on the load and input voltage. The output voltage can be easily set by two external resistors from 1.8V to 5.5V, connecting FB to OUT to get 3.3V, or connecting to GND to get 5.0V. The peak current of the internal switch is fixed at 1.0A (AIC1610) or 0.65A (AIC1611) for design flexibility.

FEATURES
• High Efficiency (93% when VIN=2.4V, VOUT=3.3V, IOUT=200mA)
• Output Current up to 500mA. (AIC1610 at VIN=2.4V and VOUT=3.3V)
• 20µA Quiescent Supply Current.
• Power-Saving Shutdown Mode (0.1µA typical).
• Internal Synchronous Rectifier (No External Diode Required).
• On-Chip Low Battery Detector.
• Low Battery Hysteresis
• Space-Saving Package: MSOP-8

APPLICATIONS
• Palmtop & Notebook Computers.
• PDAs
• Wireless Phones
• Pocket Organizers.
• Digital Cameras.
• Hand-Held Devices with 1 to 3-Cell of NiMH/NiCd Batteries




Similar Part No. - AIC1611POTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
AIC1620COTR AIC-AIC1620COTR Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
AIC1621 AIC-AIC1621 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
AIC1621COTR AIC-AIC1621COTR Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
AIC1622 AIC-AIC1622 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
More results


Similar Description - AIC1611POTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
   Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com