Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-2404M Datasheet (PDF) - Agilent(Hewlett-Packard)

HFBR-2404M Datasheet PDF - Agilent(Hewlett-Packard)
Part # HFBR-2404M
Download  HFBR-2404M Download

File Size   288.97 Kbytes
Page   25 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Components is Designed to Provide cost effective, High performance fiber optic communication links

HFBR-2404M Datasheet (PDF)

Go To PDF Page Download Datasheet
HFBR-2404M Datasheet PDF - Agilent(Hewlett-Packard)

Part # HFBR-2404M
Download  HFBR-2404M Click to download

File Size   288.97 Kbytes
Page   25 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Components is Designed to Provide cost effective, High performance fiber optic communication links

HFBR-2404M Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HFBR-2404M Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-2404M Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HFBR-2404M Product details

Description
The HFBR-0400 Series of components is designed to provide cost effective, high performance fiber optic communication links for information systems and industrial applications with link distances of up to 4 kilometers. With the HFBR-24X6, the 125 MHz analog receiver, data rates of up to 175 megabaud are attainable.

Features
• Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
• Low Cost Transmitters and Receivers
• Choice of ST®, SMA, SC or FC Ports
• 820 nm Wavelength Technology
• Signal Rates up to 175 Megabaud
• Link Distances up to 4 km
• Specified with 50/125 µm, 62.5/125 µm, 100/140 µm, and 200 µm HCS® Fiber
• Repeatable ST Connections within 0.2 dB Typical
• Unique Optical Port Design for Efficient Coupling
• Auto-Insertable and Wave Solderable
• No Board Mounting Hardware Required
• Wide Operating Temperature Range -40°C to 85°C
• AlGaAs Emitters 100% Burn-In Ensures High Reliability
• Conductive Port Option with the SMA and ST Threaded Port Styles

Applications
• Local Area Networks
• Computer to Peripheral Links
• Computer Monitor Links
• Digital Cross Connect Links
• Central Office Switch/PBX Links
• Video Links
• Modems and Multiplexers
• Suitable for Tempest Systems
• Industrial Control Links




Similar Part No. - HFBR-2404M

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-2404MZ BOARDCOM-HFBR-2404MZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results


Similar Description - HFBR-2404M

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com