Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH4008 Datasheet (PDF) - Nihon Inter Electronics Corporation

PCH4008 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PCH4008
Download  PCH4008 Download

File Size   246.11 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR 400A AVG 800 VOLTS

PCH4008 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCH4008 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PCH4008
Download  PCH4008 Click to download

File Size   246.11 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR 400A AVG 800 VOLTS

PCH4008 Datasheet (HTML) - Nihon Inter Electronics Corporation

PCH4008 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PCH4008 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PCH4008 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PCH4008 Datasheet HTML 4Page - Nihon Inter Electronics Corporation



Similar Part No. - PCH4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH4008 NIEC-PCH4008 Datasheet
251Kb / 4P
   400A Avg 800 Volts
More results


Similar Description - PCH4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT4008 NIEC-PHT4008_1 Datasheet
243Kb / 4P
   400A Avg 800 Volts
PDT4008 NIEC-PDT4008_1 Datasheet
251Kb / 4P
   400A Avg 800 Volts
PC4008 NIEC-PC4008 Datasheet
210Kb / 2P
   DIODE 400A Avg 800 Volts
PH400N8 NIEC-PH400N8 Datasheet
351Kb / 2P
   DIODE 400A Avg 800 Volts
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
   DIODE 400A Avg 800 Volts
PHT608C NIEC-PHT608C Datasheet
26Kb / 1P
   THYRISTOR 60A Avg 800 Volts
PDT308 NIEC-PDT308 Datasheet
241Kb / 4P
   THYRISTOR MODULE 30A Avg 800 Volts
PDT1518 NIEC-PDT1518_1 Datasheet
372Kb / 3P
   150A Avg 800 Volts
PD230S8 NIEC-PD230S8 Datasheet
83Kb / 1P
   230A Avg 800 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com