Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20SVP10M Datasheet (PDF) - Fujitsu Component Limited.

20SVP10M Datasheet PDF - Fujitsu Component Limited.
Part # 20SVP10M
Download  20SVP10M Download

File Size   380.13 Kbytes
Page   36 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 2-ch DC/DC Converter IC

20SVP10M Datasheet (PDF)

Go To PDF Page Download Datasheet
20SVP10M Datasheet PDF - Fujitsu Component Limited.

Part # 20SVP10M
Download  20SVP10M Click to download

File Size   380.13 Kbytes
Page   36 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 2-ch DC/DC Converter IC

20SVP10M Datasheet (HTML) - Fujitsu Component Limited.

Back Button 20SVP10M Datasheet HTML 1Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 2Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 3Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 4Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 5Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 6Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 7Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 8Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 9Page - Fujitsu Component Limited. 20SVP10M Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

20SVP10M Product details

■ DESCRIPTION
The MB39A104 is a 2-channel DC/DC converter IC using pulse width modulation (PWM), incorporating an overcurrent protection circuit (requiring no current sense resistor). This IC is ideal for down conversion.
Operating at high frequency reduces the value of coil.
This is ideal for built-in power supply such as LCD monitors and ADSL.
This product is covered by US Patent Number 6,147,477.

■ FEATURES
• Built-in timer-latch overcurrent protection circuit (requiring no current sense resistor)
• Power supply voltage range : 7 V to 19 V
• Reference voltage : 5.0 V ± 1 %
• Error amplifier threshold voltage : 1.24 V ± 1 %
• High-frequency operation capability : 1.5 MHz (Max)
• Built-in standby function: 0 µA (Typ)
• Built-in soft-start circuit independent of loads
• Built-in totem-pole type output for P-ch MOS FET
• One type of package (SSOP-24 pin : 1 type)

■ APPLICATION
• LCD monitor/panel
• IP phone
• Printer
• Video capture etc.




Similar Part No. - 20SVP10M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
20SVP10M SANYO-20SVP10M Datasheet
81Kb / 2P
   4. SPECIFICATIONS FOR EACH SERIES
logo
Panasonic Semiconductor
20SVP10M PANASONIC-20SVP10M Datasheet
52Kb / 2P
   Surface Mount Type
More results


Similar Description - 20SVP10M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MB39A102 MACOM-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB39A112 FUJITSU-MB39A112 Datasheet
343Kb / 35P
   3-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39A112 CYPRESS-MB39A112 Datasheet
305Kb / 38P
   3-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104_08 Datasheet
393Kb / 40P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB39A104 FUJITSU-MB39A104_06 Datasheet
519Kb / 38P
   2-ch DC/DC Converter IC with Overcurrent Protection
logo
Fairchild Semiconductor
FAN8048 FAIRCHILD-FAN8048 Datasheet
903Kb / 34P
   2 DC-DC Converter & 4-CH PWM Motor IC
logo
Cypress Semiconductor
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com