Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-2523 Datasheet (PDF) - Agilent(Hewlett-Packard)

HFBR-2523 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HFBR-2523
Download  HFBR-2523 Download

File Size   438.45 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Versatile Link The Versatile Fiber Optic Connection

HFBR-2523 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFBR-2523 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HFBR-2523
Download  HFBR-2523 Click to download

File Size   438.45 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Versatile Link The Versatile Fiber Optic Connection

HFBR-2523 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HFBR-2523 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-2523 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HFBR-2523 Product details

Description
The Versatile Link series is a complete family of fiber optic link components for applications requiring a low cost solution. The HFBR-0501 series includes transmitters, receivers, connectors and cable specified for easy design.

Features
• Low Cost Fiber Optic Components
• Enhanced Digital Links dc-5 MBd
• Extended Distance Links up to 120 m at 40 kBd
• Low Current Link: 6 mA Peak Supply Current
• Horizontal and Vertical Mounting
• Interlocking Feature
• High Noise Immunity
• Easy Connectoring Simplex, Duplex, and Latching Connectors
• Flame Retardant
• Transmitters Incorporate a 660 nm Red LED for Easy Visibility
• Compatible with Standard TTL Circuitry

Applications
• Reduction of Lightning/Voltage Transient Susceptibility
• Motor Controller Triggering
• Data Communications and Local Area Networks
• Electromagnetic Compatibility (EMC) for Regulated Systems: FCC, VDE, CSA, etc.
• Tempest-Secure Data Processing Equipment




Similar Part No. - HFBR-2523

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2523 AVAGO-HFBR-2523 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2523Z AVAGO-HFBR-2523Z Datasheet
96Kb / 4P
   Change to improved mold compound
HFBR-2523Z-00A AVAGO-HFBR-2523Z-00A Datasheet
96Kb / 4P
   Change to improved mold compound
More results


Similar Description - HFBR-2523

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com