Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP05V Datasheet (PDF) - Micrel Semiconductor

SY10EP05V Datasheet PDF - Micrel Semiconductor
Part # SY10EP05V
Download  SY10EP05V Download

File Size   81.38 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DIFFERENTIAL AND/NAND

SY10EP05V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EP05V Datasheet PDF - Micrel Semiconductor

Part # SY10EP05V
Download  SY10EP05V Click to download

File Size   81.38 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DIFFERENTIAL AND/NAND

SY10EP05V Datasheet (HTML) - Micrel Semiconductor

SY10EP05V Datasheet HTML 1Page - Micrel Semiconductor SY10EP05V Datasheet HTML 2Page - Micrel Semiconductor SY10EP05V Datasheet HTML 3Page - Micrel Semiconductor SY10EP05V Datasheet HTML 4Page - Micrel Semiconductor SY10EP05V Datasheet HTML 5Page - Micrel Semiconductor SY10EP05V Datasheet HTML 6Page - Micrel Semiconductor

SY10EP05V Product details

DESCRIPTION
The SY10EP05V is a 2-input differential AND/NAND gate. The device is functionally equivalent to the EL05 device. With AC performance much faster that the EL05 device, the EP05V is ideal for applications requiring the fastest AC performance available.

FEATURES
■ 3.3V or 5V power supply options
■ 180ps typical propagation delay
■ Maximum frequency >3GHz typical
■ Internal input resistors: pulldown on D, pulldown and pullup on /D
■ Q output will default LOW with inputs open or at VEE
■ Transistor count: 126
■ Available in 8-pin MSOP and SOIC packages




Similar Part No. - SY10EP05V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
SY10EP05VKC MICREL-SY10EP05VKC Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
SY10EP05VKCTR MICREL-SY10EP05VKCTR Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
SY10EP05VKG MICREL-SY10EP05VKG Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
SY10EP05VKGTR MICREL-SY10EP05VKGTR Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
More results


Similar Description - SY10EP05V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
   5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com