Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE7756AN Datasheet (PDF) - Analog Devices

ADE7756AN Datasheet PDF - Analog Devices
Part # ADE7756AN
Download  ADE7756AN Download

File Size   347.67 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Energy Metering IC with Serial Interface

ADE7756AN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7756AN Datasheet PDF - Analog Devices

Part # ADE7756AN
Download  ADE7756AN Click to download

File Size   347.67 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Energy Metering IC with Serial Interface

ADE7756AN Datasheet (HTML) - Analog Devices

Back Button ADE7756AN Datasheet HTML 1Page - Analog Devices ADE7756AN Datasheet HTML 2Page - Analog Devices ADE7756AN Datasheet HTML 3Page - Analog Devices ADE7756AN Datasheet HTML 4Page - Analog Devices ADE7756AN Datasheet HTML 5Page - Analog Devices ADE7756AN Datasheet HTML 6Page - Analog Devices ADE7756AN Datasheet HTML 7Page - Analog Devices ADE7756AN Datasheet HTML 8Page - Analog Devices ADE7756AN Datasheet HTML 9Page - Analog Devices ADE7756AN Datasheet HTML 10Page - Analog Devices Next Button 

ADE7756AN Product details

GENERAL DESCRIPTION

The ADE7756 is a high-accuracy electrical power measurement IC with a serial interface and a pulse output. The ADE7756 incorporates two second-order sigma-delta ADCs, reference circuitry, temperature sensor, and all the signal processing required to perform active power and energy measurement.

The ADE7756 contains a sampled Waveform register and an Active Energy register capable of holding at least five seconds of accumulated power at full load. Data is read from the ADE7756 via the serial interface. The ADE7756 also provides a pulse output (CF) with a frequency that is proportional to the active power.



FEATURES

High Accuracy, Supports IEC 687/1036

Less than 0.1% Error over a Dynamic Range of 1000 to 1

An On-Chip User Programmable Threshold for Line Voltage SAG Detection and PSU Supervisory

The ADE7756 Supplies Sampled Waveform Data (20 Bits) and Active Energy (40 Bits)

Digital Power, Phase and Input Offset Calibration

An On-Chip Temperature Sensor (3C Typical after Calibration)

An SPI-Compatible Serial Interface

A Pulse Output with Programmable Frequency

An Interrupt Request Pin (IRQ) and Status Register

Provide Early Warning of Register Overflow and Other Conditions

Proprietary ADCs and DSP Provide High Accuracy over Large Variations in Environmental Conditions and Time

Reference 2.4 V  8% (20 ppm/C Typical) with External Overdrive Capability

Single 5 V Supply, Low Power (25 mW Typical)




Similar Part No. - ADE7756AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7756EB AD-ADE7756EB Datasheet
3Mb / 15P
   Evaluation Board Documentation AD7756 Energy metering IC
REV. PrB 01/01
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
More results


Similar Description - ADE7756AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
ADE7759 AD-ADE7759 Datasheet
530Kb / 32P
   Active Energy Metering IC with di/dt Sensor Interface
REV. 0
ADE7759 AD-ADE7759_15 Datasheet
466Kb / 36P
   Active Energy Metering IC with di/dt Sensor Interface
REV. A
logo
Sames
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103E SAMES-SA9103E Datasheet
125Kb / 14P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9603C SAMES-SA9603C Datasheet
214Kb / 18P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 40P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
logo
Analog Devices
ADE7753 AD-ADE7753 Datasheet
449Kb / 37P
   Active and Apparent Energy Metering IC with di/dt sensor interface
REV. PrF 10/02
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_12 Datasheet
806Kb / 44P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com