Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2907CL-1.5 Datasheet (PDF) - Advanced Monolithic Systems

AMS2907CL-1.5 Datasheet PDF - Advanced Monolithic Systems
Part # AMS2907CL-1.5
Download  AMS2907CL-1.5 Download

File Size   80.89 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

AMS2907CL-1.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2907CL-1.5 Datasheet PDF - Advanced Monolithic Systems

Part # AMS2907CL-1.5
Download  AMS2907CL-1.5 Click to download

File Size   80.89 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

AMS2907CL-1.5 Datasheet (HTML) - Advanced Monolithic Systems

AMS2907CL-1.5 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2907CL-1.5 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2907CL-1.5 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2907CL-1.5 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2907CL-1.5 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2907CL-1.5 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2907CL-1.5 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2907CL-1.5 Datasheet HTML 8Page - Advanced Monolithic Systems

AMS2907CL-1.5 Product details

GENERAL DESCRIPTION
The AMS2907 series of adjustable and fixed voltage regulators are designed to provide 500mA output current and to operate down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload conditions on both the regulator and power source circuitry.
The AMS2907 devices are pin compatible with other three-terminal regulators and are offered in the low profile surface mount TO-252(DPAK), SOT-223 and SOT-89 packages.

FEATURES
• Three Terminal Adjustable or Fixed Voltages*
   1.5V, 1.8V, 2.5V, 2.85V, 3.3V and 5.0V
• Output Current of 500mA
• Operates Down to 1V Dropout
• Line Regulation: 0.2% Max.
• Load Regulation: 0.4% Max.
• TO-252, SOT-223 and SOT-89 packages

APPLICATIONS
• High Efficiency Linear Regulators
• Post Regulators for Switching Supplies
• 5V to 3.3V Linear Regulator
• Battery Chargers
• Sound Cards
• Power Management for Notebook
• Battery Powered Instrumentation




Similar Part No. - AMS2907CL-1.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2907CL-1.5 ADMOS-AMS2907CL-1.5 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS2907CL-1.5

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com