Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8931 Datasheet (PDF) - NXP Semiconductors

TDA8931 Datasheet PDF - NXP Semiconductors
Part # TDA8931
Download  TDA8931 Download

File Size   165.46 Kbytes
Page   31 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Power comparator 1 X 20 W

TDA8931 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8931 Datasheet PDF - NXP Semiconductors

Part # TDA8931
Download  TDA8931 Click to download

File Size   165.46 Kbytes
Page   31 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Power comparator 1 X 20 W

TDA8931 Datasheet (HTML) - NXP Semiconductors

Back Button TDA8931 Datasheet HTML 1Page - NXP Semiconductors TDA8931 Datasheet HTML 2Page - NXP Semiconductors TDA8931 Datasheet HTML 3Page - NXP Semiconductors TDA8931 Datasheet HTML 4Page - NXP Semiconductors TDA8931 Datasheet HTML 5Page - NXP Semiconductors TDA8931 Datasheet HTML 6Page - NXP Semiconductors TDA8931 Datasheet HTML 7Page - NXP Semiconductors TDA8931 Datasheet HTML 8Page - NXP Semiconductors TDA8931 Datasheet HTML 9Page - NXP Semiconductors TDA8931 Datasheet HTML 10Page - NXP Semiconductors Next Button 



Similar Part No. - TDA8931

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BTW NXP-TDA8932BTW Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results


Similar Description - TDA8931

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
logo
NXP Semiconductors
TDA8928J PHILIPS-TDA8928J Datasheet
210Kb / 23P
   Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
2004 May 05
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
STMicroelectronics
STA541SA STMICROELECTRONICS-STA541SA Datasheet
613Kb / 26P
   2 x 20 W dual bridge amplifier
logo
Siemens Semiconductor G...
TDA4930 SIEMENS-TDA4930 Datasheet
580Kb / 14P
   Stereo/Bridge AF Amplifier 2 x 10 W/20 W
logo
Maxim Integrated Produc...
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
logo
NXP Semiconductors
TDA7053 PHILIPS-TDA7053 Datasheet
97Kb / 12P
   2 x 1 W portable/mains-fed stereo power amplifier
February 1994
logo
Integral Corp.
ILA7053 INTEGRAL-ILA7053 Datasheet
100Kb / 2P
   2 X 1 W PORTABLE/MAINS-FED STEREO POWER AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA7053N KODENSHI-KKA7053N Datasheet
293Kb / 6P
   2 x 1 W portable/mains-fed stereo power amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com