Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-5046-7 Datasheet (PDF) - Harris Corporation

HI1-5046-7 Datasheet PDF - Harris Corporation
Part # HI1-5046-7
Download  HI1-5046-7 Download

File Size   183.05 Kbytes
Page   11 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)

HI1-5046-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1-5046-7 Datasheet PDF - Harris Corporation

Part # HI1-5046-7
Download  HI1-5046-7 Click to download

File Size   183.05 Kbytes
Page   11 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)

HI1-5046-7 Datasheet (HTML) - Harris Corporation

Back Button HI1-5046-7 Datasheet HTML 1Page - Harris Corporation HI1-5046-7 Datasheet HTML 2Page - Harris Corporation HI1-5046-7 Datasheet HTML 3Page - Harris Corporation HI1-5046-7 Datasheet HTML 4Page - Harris Corporation HI1-5046-7 Datasheet HTML 5Page - Harris Corporation HI1-5046-7 Datasheet HTML 6Page - Harris Corporation HI1-5046-7 Datasheet HTML 7Page - Harris Corporation HI1-5046-7 Datasheet HTML 8Page - Harris Corporation HI1-5046-7 Datasheet HTML 9Page - Harris Corporation HI1-5046-7 Datasheet HTML 10Page - Harris Corporation Next Button 

HI1-5046-7 Product details

Description
This family of CMOS analog switches offers low resistance switching performance for analog voltages up to the supply rails and for signal currents up to 80mA. “ON” resistance is low and stays reasonably constant over the full range of operating signal voltage and current. RON remains exceptionally constant for input voltages between +5V and -5V and currents up to 50mA. Switch impedance also changes very little over temperature, particularly between 0oC and +75oC. RON is nominally 25Ω for HI-5048 through HI-5051 and HI-5046A and HI-5047A and 50Ω for HI-5040 through HI-5047.

Features
• ±15V Wide Analog Signal Range
• Low “ON” Resistance 25Ω (Typical)
• High Current Capability 80mA (Typical)
• Break-Before-Make Switching
    - Turn-On Time 370ns (Typical)
    - Turn-Off Time 280ns (Typical)
• No Latch-Up
• Input MOS Gates are Protected from Electrostatic Discharge
• DTL, TTL, CMOS, PMOS Compatible

Applications
• High Frequency Switching
• Sample and Hold
• Digital Filters
• Operational Amplifier Gain Switching




Similar Part No. - HI1-5046-7

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
HI1-5041-8 ROCHESTER-HI1-5041-8 Datasheet
642Kb / 1P
   DUAL SPST ANALOG SWITCH with CMOS and TTL versatility made from original Intersil wafers
logo
Intersil Corporation
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
HI1-5043-2 INTERSIL-HI1-5043-2 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
More results


Similar Description - HI1-5046-7

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5041B15 ROHM-BP5041B15 Datasheet
285Kb / 3P
   AC220V input, 15V/80mA output
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
logo
Rohm
BP5041A15 ROHM-BP5041A15 Datasheet
38Kb / 3P
   AC/DC converter AC220V input, 15V/80mA output
BP5034D15 ROHM-BP5034D15 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 15V/80mA output
logo
FCI connector
RM16M-23T FCI-CONNECTOR-RM16M-23T Datasheet
2Mb / 101P
   wide range in current capability
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
   Adjustable Output Voltage Range : 0.92V to 15V
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
FC810 SANYO-FC810 Datasheet
50Kb / 2P
   15V, 700mA Rectifier
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com