Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA43 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

P4SMA43 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # P4SMA43
Download  P4SMA43 Download

File Size   73.16 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

P4SMA43 Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA43 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # P4SMA43
Download  P4SMA43 Click to download

File Size   73.16 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

P4SMA43 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

P4SMA43 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA43 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA43 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA43 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd

P4SMA43 Product details

Surface Mount Transient Voltage Suppressor
Voltage Range 6.8 to 200 Volts Peak Power  400 Watts

Features
✧ For surface mounted application in order to optimize board 
   space
✧ Low profile package 
✧ Built-in strain relief
✧ Glass passivated junction
✧ Excellent clamping capability
✧ Fast response time: Typically less than 1.0ps from 0 volt to 
   BV min.
✧ Typical IRless than 1μA above 10V
✧ High temperature soldering guaranteed: 
   260°C / 10 seconds at terminals
✧ Plastic material used carries Underwriters Laboratory 
   Flammability Classification 94V-0
✧ 300 watts peak pulse power capability with a 10 x 1000 us 
   waveform by 0.01% duty cycle




Similar Part No. - P4SMA43

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA43 WTE-P4SMA43 Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA43 TSC-P4SMA43 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA43 PANJIT-P4SMA43 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Fuji Electric
P4SMA43 FUJI-P4SMA43 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
P4SMA43 TSC-P4SMA43 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
More results


Similar Description - P4SMA43

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com