Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL6204N-50 Datasheet (PDF) - OKI electronic componets

OL6204N-50 Datasheet PDF - OKI electronic componets
Part # OL6204N-50
Download  OL6204N-50 Download

File Size   46.22 Kbytes
Page   3 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1.6 關m High-Power DIP Module with 9mm Profile

OL6204N-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
OL6204N-50 Datasheet PDF - OKI electronic componets

Part # OL6204N-50
Download  OL6204N-50 Click to download

File Size   46.22 Kbytes
Page   3 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1.6 關m High-Power DIP Module with 9mm Profile

OL6204N-50 Datasheet (HTML) - OKI electronic componets

OL6204N-50 Datasheet HTML 1Page - OKI electronic componets OL6204N-50 Datasheet HTML 2Page - OKI electronic componets OL6204N-50 Datasheet HTML 3Page - OKI electronic componets

OL6204N-50 Product details

GENERAL DESCRIPTION
The OL6204N-50 series are 1.6 mm high-power modules in compact DIL packages with single mode fiber pigtails. Having high power in pulsed operation, these devices can be used as light sources for optical measurement equipment like OTDR systems.

FEATURES
• Optical output power: 50 mW (pulse width 10 ms, duty ratio 1 %)
• Comact package: 14-pin DIP with 9mm high
• Wavelength windows
   OL6204N-50/AP for 1.625 mm
   OL6204N-50/BP for 1.650 mm

APPLICATIONS
• Optical measuring instruments
• OTDRs




Similar Part No. - OL6204N-50

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL6201N-5-A10 OKI-OL6201N-5-A10 Datasheet
61Kb / 8P
   Service Channel FP Laser Module (1625 nm, 5 mW)
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
More results


Similar Description - OL6204N-50

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL5204N-50 OKI-OL5204N-50 Datasheet
45Kb / 3P
   1.55 mm High-Power DIP Module with 9mm Profile
OL3204N-100 OKI-OL3204N-100 Datasheet
44Kb / 3P
   1.3 mm High-Power DIP Module with 9mm Profile
OL5201N-25 OKI-OL5201N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
OL3200N-5 OKI-OL3200N-5 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode DIP Module
OL3201N-40 OKI-OL3201N-40 Datasheet
51Kb / 4P
   1.3 關m High-Power Laser-Diode DIP Module
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OE3202G-004 OKI-OE3202G-004 Datasheet
46Kb / 4P
   1.3 關m Edge-Emitting LED DIP Module
OE5202G OKI-OE5202G Datasheet
43Kb / 3P
   1.55 關m Edge-Emitting LED DIP Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com