Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5381B Datasheet (PDF) - ON Semiconductor

1N5381B Datasheet PDF - ON Semiconductor
Part # 1N5381B
Download  1N5381B Download

File Size   71.54 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5 Watt Surmetic 40 Zener Voltage Refulators

1N5381B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5381B Datasheet PDF - ON Semiconductor

Part # 1N5381B
Download  1N5381B Click to download

File Size   71.54 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5 Watt Surmetic 40 Zener Voltage Refulators

1N5381B Datasheet (HTML) - ON Semiconductor

1N5381B Datasheet HTML 1Page - ON Semiconductor 1N5381B Datasheet HTML 2Page - ON Semiconductor 1N5381B Datasheet HTML 3Page - ON Semiconductor 1N5381B Datasheet HTML 4Page - ON Semiconductor 1N5381B Datasheet HTML 5Page - ON Semiconductor 1N5381B Datasheet HTML 6Page - ON Semiconductor 1N5381B Datasheet HTML 7Page - ON Semiconductor 1N5381B Datasheet HTML 8Page - ON Semiconductor

1N5381B Product details

5 Watt Surmetic 40 Zener Voltage Regulators

This is a complete series of 5 Watt Zener diodes with tight limits and better operating characteristics that reflect the superior capabilities of silicon−oxide passivated junctions. All this in an axial lead, transfer−molded plastic package that offers protection in all common environmental conditions.

Features
• Zener Voltage Range − 3.3 V to 200 V
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Surge Rating of up to 180 W @ 8.3 ms
• Maximum Limits Guaranteed on up to Six Electrical Parameters
• Pb−Free Packages are Available




Similar Part No. - 1N5381B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5381B NJSEMI-1N5381B Datasheet
99Kb / 3P
   ZENER DIODES
logo
Motorola, Inc
1N5381B MOTOROLA-1N5381B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Insel Rectifier India P...
1N5381B IRI-1N5381B Datasheet
204Kb / 3P
   ZENER DIODE
logo
ON Semiconductor
1N5381B ONSEMI-1N5381B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Frontier Electronics.
1N5381B FRONTIER-1N5381B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results


Similar Description - 1N5381B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
P6KE6.8A ONSEMI-P6KE6.8A Datasheet
57Kb / 8P
   600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors
April, 2002 ??Rev. 5
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com