Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2764AE/T Datasheet (PDF) - Maxim Integrated Products

DS2764AE/T Datasheet PDF - Maxim Integrated Products
Part # DS2764AE/T
Download  DS2764AE/T Download

File Size   246.03 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Li Battery Monitor with 2-Wire Interface

DS2764AE/T Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2764AE/T Datasheet PDF - Maxim Integrated Products

Part # DS2764AE/T
Download  DS2764AE/T Click to download

File Size   246.03 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Li Battery Monitor with 2-Wire Interface

DS2764AE/T Datasheet (HTML) - Maxim Integrated Products

Back Button DS2764AE/T Datasheet HTML 1Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 2Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 3Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 4Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 5Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 6Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 7Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 8Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 9Page - Maxim Integrated Products DS2764AE/T Datasheet HTML 10Page - Maxim Integrated Products Next Button 

DS2764AE/T Product details

GENERAL DESCRIPTION

The DS2764 high-precision Li+ battery monitor is a data-acquisition, information-storage, and safety protection device tailored for cost-sensitive battery pack applications. This low-power device integrates precise temperature, voltage, and current measurement, nonvolatile (NV) data storage, and Li+ protection into the small footprint of either a TSSOP package or flip-chip package. The DS2764 is a key component in applications requiring remaining

capacity estimation, safety monitoring, and battery specific data storage.



FEATURES

Li+ Safety Circuit

   Overvoltage Protection

   Overcurrent/Short-Circuit Protection

   Undervoltage Protection

0V Battery Recovery Charge

Available in Two Configurations:

   Internal 25mΩ Sense Resistor

   External User-Selectable Sense Resistor

Current Measurement

   12-Bit Bidirectional Measurement

   Internal Sense Resistor Configuration: 0.625mA LSB and ±1.9A Dynamic Range

   External Sense Resistor Configuration: 15.625V LSB and ±64mV Dynamic Range

Current Accumulation:

 Internal Sense Resistor: 0.25mAhr LSB

  External Sense Resistor: 6.25Vhr LSB

Voltage Measurement with 4.88mV Resolution

Temperature Measurement Using Integrated Sensor with 0.125°C Resolution

40 Bytes of Lockable EEPROM

Option for Unique 64-bit ID

Industry 2-Wire Interface with Programmable Slave Address

Low-Power Consumption:

   Active Current: 60µA typ, 90A max

   Sleep Current: 1µA typ, 2A max



APPLICATIONS

PDAs

Cell Phones/Smartphones

Digital Cameras




Similar Part No. - DS2764AE/T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2764AE++ MAXIM-DS2764AE+ Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764AE+025* MAXIM-DS2764AE+025* Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764AE+025/T&R* MAXIM-DS2764AE+025/T&R* Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764AE+T&R MAXIM-DS2764AE+T&R Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
More results


Similar Description - DS2764AE/T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
   System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
[Old version datasheet]   LM96080 System Hardware Monitor with 2-Wire Serial Interface
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com