Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-817A14AMC-T2 Datasheet (PDF) - Seiko Instruments Inc

S-817A14AMC-T2 Datasheet PDF - Seiko Instruments Inc
Part # S-817A14AMC-T2
Download  S-817A14AMC-T2 Download

File Size   830.96 Kbytes
Page   50 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR

S-817A14AMC-T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-817A14AMC-T2 Datasheet PDF - Seiko Instruments Inc

Part # S-817A14AMC-T2
Download  S-817A14AMC-T2 Click to download

File Size   830.96 Kbytes
Page   50 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR

S-817A14AMC-T2 Datasheet (HTML) - Seiko Instruments Inc

Back Button S-817A14AMC-T2 Datasheet HTML 1Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-817A14AMC-T2 Datasheet HTML 10Page - Seiko Instruments Inc Next Button 

S-817A14AMC-T2 Product details

SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR

The S-817 Series is a 3-terminal positive voltage regulator, developed using CMOS technology. Small ceramic capacitors can be used as the output capacitor, and the S-817 series provides stable operation with low loads down to 1 µA.
Compared with the conventional voltage regulator, it is of low current consumption, and with a lineup of the super small package (SNT-4A:1.2 x 1.6mm). It is optimal as a power supply of small portable device.

Features
• Ultra-low current consumption: Operating current: Typ. 1.2 µA, Max. 2.5 µA
• Output voltage:                          1.1 to 6.0 V, selectable in 0.1 V steps.
• Output voltage accuracy:           ±2.0%
• Output current:                           50 mA capable (3.0 V output product, VIN=5 V) *1
                                                     75 mA capable (5.0 V output product, VIN=7 V) *1
• Dropout voltage:                        Typ. 160 mV (VOUT = 5.0 V, IOUT = 10 mA)
• Low ESR capacitor Ceramic capacitor of 0.1 µF or more can be used as an output capacitor.
• Short circuit protection for:         Series A
• Excellent Line Regulation:         Stable operation at light load of 1 µA
• Lead-free product
*1. Attention should be paid to the power dissipation of the package when the load is large.

Applications
• Power source for battery-powered devices
• Power source for personal communication devices
• Power source for home electric/electronic appliances




Similar Part No. - S-817A14AMC-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817A14AMC-CUDT2G SII-S-817A14AMC-CUDT2G Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817A14AMC-CUDT2X ABLIC-S-817A14AMC-CUDT2X Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
More results


Similar Description - S-817A14AMC-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com