Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2904HQ Datasheet (PDF) - Toshiba Semiconductor

TB2904HQ Datasheet PDF - Toshiba Semiconductor
Part # TB2904HQ
Download  TB2904HQ Download

File Size   272.98 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Maximum Power 43 W BTL x 4-ch Audio Power IC

TB2904HQ Datasheet (PDF)

Go To PDF Page Download Datasheet
TB2904HQ Datasheet PDF - Toshiba Semiconductor

Part # TB2904HQ
Download  TB2904HQ Click to download

File Size   272.98 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Maximum Power 43 W BTL x 4-ch Audio Power IC

TB2904HQ Datasheet (HTML) - Toshiba Semiconductor

Back Button TB2904HQ Datasheet HTML 1Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 2Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 3Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 4Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 5Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 6Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 9Page - Toshiba Semiconductor TB2904HQ Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TB2904HQ Product details

Maximum Power 43 W BTL × 4-ch Audio Power IC

The TB2904H (o) is 4-ch BTL audio amplifier for car audio applications.
This IC can generate higher power: POUT MAX = 43 W as it includes the pure complementary P-ch and N-ch DMOS output stage.
It is designed to yield low distortion ratio for 4-ch BTL audio power amplifier, built-in standby function, muting function, and various kinds of protectors.
Additionally, Off-set detector is built in.

Features
• High power output
   : POUT MAX (1) = 43 W (typ.)
      P (VCC = 14.4 V, f = 1 kHz, JEITA max, RL = 4 Ω)
   : POUT MAX (2) = 39 W (typ.)
      (VCC = 13.7 V, f = 1 kHz, JEITA max, RL = 4 Ω)
   : POUT (1) = 26 W (typ.)
      (VCC = 14.4 V, f = 1 kHz, THD = 10%, RL = 4 Ω)
   : POUT (2) = 23 W (typ.)
      (VCC = 13.2 V, f = 1 kHz, THD = 10%, RL = 4 Ω)
• Low distortion ratio:
   THD = 0.015% (typ.)
   (VCC = 13.2 V, f = 1 kHz, POUT = 5 W, RL = 4 Ω)
• Low noise:
   VNO = 90 µVrms (typ.)
   (VCC = 13.2 V, Rg = 0 Ω, BW = 20 Hz to 20 kHz, RL = 4 Ω)
• Built-in standby switch function (pin 4)
• Built-in muting function (pin 22)
• Built-in Off-set detection function (pin 25)
• Built-in various protection circuits:
   Thermal shut down, overvoltage, out to GND, out to VCC, out to out short, speaker burned
• Operating supply voltage: VCC (opr) = 9 to 18 V (RL = 4 Ω)




Similar Part No. - TB2904HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2903HQ TOSHIBA-TB2903HQ Datasheet
338Kb / 15P
   Maximum Power 47W BTL x 4-ch Audio Power IC
TB2905HQ TOSHIBA-TB2905HQ Datasheet
280Kb / 17P
   Class KB High-Efficiency, Low-Frequency Power Amplifier IC Maximum Power: 47 W x 4 Channels
More results


Similar Description - TB2904HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2906HQ TOSHIBA-TB2906HQ Datasheet
281Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TA8277H TOSHIBA-TA8277H Datasheet
235Kb / 12P
   MAX POWER 43 W BTL x 4 CH AUDIO POWER IC
TA8272H TOSHIBA-TA8272H Datasheet
251Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8263BH TOSHIBA-TA8263BH Datasheet
255Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8263BHQ TOSHIBA-TA8263BHQ Datasheet
329Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TA8272HQ TOSHIBA-TA8272HQ Datasheet
307Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TB2921HQ TOSHIBA-TB2921HQ Datasheet
213Kb / 11P
   Maximum Power 50 W BTL × 4-ch Audio Power IC
2006-05-25
TB2912HQ TOSHIBA-TB2912HQ Datasheet
586Kb / 40P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-04-28
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TA8270HQ TOSHIBA-TA8270HQ Datasheet
365Kb / 16P
   Max Power 43 W BTL × 4 ch High Efficiency Audio Power IC
2006-04-28
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com