Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-G213-GE000 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-G213-GE000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-G213-GE000
Download  HDSP-G213-GE000 Download

File Size   189.93 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Black Surface Seven Segment Displays

HDSP-G213-GE000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-G213-GE000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-G213-GE000
Download  HDSP-G213-GE000 Click to download

File Size   189.93 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Black Surface Seven Segment Displays

HDSP-G213-GE000 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HDSP-G213-GE000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-G213-GE000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HDSP-G213-GE000 Product details

Description
These devices use industry standard size package and pinout. Available with black surface finish. All devices are available as either common anode or common cathode.

Features
• Black Surface and Color Tinted Epoxy
• Industry Standard Size
• Industry Standard Pinout
• Choice of Character Size 7.6 mm (0.30 in.), 10 mm (0.40 in.), 14.2 mm (0.56 in.)
• Choice of Colors AlGaAs Red, High Efficiency Red (HER), Green, Orange
• Excellent Appearance Evenly Lighted Segments ± 50° Viewing Angle
• Design Flexibility Common Anode or Common Cathode Single and Two Digit
• Categorized for Luminous Intensity
    Categorized for Color: Green Use of Like Categories Yields a Uniform Display
• Excellent for Long Digit String Multiplexing




Similar Part No. - HDSP-G213-GE000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G213 AVAGO-HDSP-G213 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
HDSP-G213 AVAGO-HDSP-G213 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
More results


Similar Description - HDSP-G213-GE000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com